Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4150-TR Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza 1N4150-TR
Descripción Electrónicos  Small Signal Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4150-TR Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4150-TR Datasheet HTML 1Page - Vishay Siliconix 1N4150-TR Datasheet HTML 2Page - Vishay Siliconix 1N4150-TR Datasheet HTML 3Page - Vishay Siliconix 1N4150-TR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85522
Rev. 1.7, 16-Feb-07
1N4150
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm (inches): DO35
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 1 mA
VF
540
620
mV
IF = 10 mA
VF
660
740
mV
IF = 50 mA
VF
760
860
mV
IF = 100 mA
VF
820
920
mV
IF = 200 mA
VF
870
1000
mV
Reverse current
VR = 50 V
IR
100
nA
VR = 50 V, Tj = 150 °C
IR
100
µA
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
2.5
pF
Reverse recovery time
IF = IR = (10 to 100) mA, iR = 0.1
x IR, RL = 100 Ω
trr
4ns
Figure 1. Reverse Current vs. Junction Temperature
040
80
120
160
200
0.01
0.1
1
10
100
Tj - Junction Temperature (°C)
94 9100
Scattering Limit
V
R = 50 V
Figure 2. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9162
Scattering Limit
Tj = 25 °C
94 9366
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
Cathode Identification
Rev. 6 - Date: 29.January 2007
Document no.: 6.560-5004.02-4


Número de pieza similar - 1N4150-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N4150-1 CDI-DIODE-1N4150-1 Datasheet
34Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N4150-1 MICROSEMI-1N4150-1 Datasheet
88Kb / 2P
   200mA Low Power, Switching
1N4150-1 MICROSEMI-1N4150-1 Datasheet
72Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N4150-1 MICROSEMI-1N4150-1 Datasheet
78Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
1N4150-1 MICROSEMI-1N4150-1 Datasheet
93Kb / 1P
   SWITCHING DIODE
More results

Descripción similar - 1N4150-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 01-Sep-10
MCL4148 VISHAY-MCL4148_06 Datasheet
134Kb / 6P
   Small Signal Fast Switching Diodes
Rev. 1.9, 07-Mar-06
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.3, 29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
   Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com