Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4151 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
1N4151 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page 1N4151 Document Number 85523 Rev. 1.7, 16-Feb-07 Vishay Semiconductors www.vishay.com 1 94 9367 Small Signal Fast Switching Diodes Features • Silicon Epitaxial Planar Diode • Lead (Pb)-free component • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Applications • Extreme fast switches Mechanical Data Case: DO35 Glass case Weight: approx. 125 mg Cathode Band Color: black Packaging Codes/Options: TR/10 k per 13" reel (52 mm tape), 50 k/box TAP/10 k per Ammopack (52 mm tape), 50 k/box Parts Table Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified Thermal Characteristics Tamb = 25 °C, unless otherwise specified Part Ordering code Type Marking Remarks 1N4151 1N4151-TR or 1N4151-TAP 1N4151 Tape and Reel/Ammopack Parameter Test condition Symbol Value Unit Repetitive peak reverse voltage VRRM 75 V Reverse voltage VR 50 V Peak forward surge current tp = 1 µs IFSM 2A Repetitive peak forward current IFRM 500 mA Forward continuous current IF 300 mA Average forward current VR = 0 IFAV 150 mA Power dissipation I = 4mm, TL = 45 °C Ptot 440 mW l = 4mm, TL ≤ 25 °C Ptot 500 mW Parameter Test condition Symbol Value Unit Thermal resistance junction to ambient air l = 4 mm, TL = constant RthJA 350 K/W Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C e2 |
Número de pieza similar - 1N4151_07 |
|
Descripción similar - 1N4151_07 |