Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4731A Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza 1N4731A
Descripción Electrónicos  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4731A Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4731A Datasheet HTML 1Page - Vishay Siliconix 1N4731A Datasheet HTML 2Page - Vishay Siliconix 1N4731A Datasheet HTML 3Page - Vishay Siliconix 1N4731A Datasheet HTML 4Page - Vishay Siliconix 1N4731A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85816
Rev. 1.8, 22-Feb-06
1N4728A to 1N4764A
Vishay Semiconductors
Electrical Characteristics
1N4728A...1N4764A
1) Based on dc-measurement at thermal equilibrium while maintaining the lead temperature (T
L) at 30 °C + 1 °C, 9.5 mm (3/8") from the
diode body.
2) Valid provided that electrodes at a distance of 4 mm from case are kept at ambient temperature.
3) T
P = 10 ms.
Partnumber
Nominal
Zener
Voltage1)
Test
Current
Maximum Dynamic Impedance
Maximum Reverse
Leakage Current
Surge
Current3)
Maximum
Regulator
Current2)
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR
Test
Voltage VR
at TA = 25 °C
IR
IZM
V
mA
Ω
Ω
mA
µA
V
mA
mA
1N4728A
3.3
76
10
400
1
100
1
1380
276
1N4729A
3.6
69
10
400
1
100
1
1260
252
1N4730A
3.9
64
9
400
1
50
1
1190
234
1N4731A
4.3
58
9
400
1
10
1
1070
217
1N4732A
4.7
53
8
500
1
10
1
970
193
1N4733A
5.1
49
7
550
1
10
1
890
178
1N4734A
5.6
45
5
600
1
10
2
810
162
1N4735A
6.2
41
2
700
1
10
3
730
146
1N4736A
6.8
37
3.5
700
1
10
4
660
133
1N4737A
7.5
34
4
700
0.5
10
5
605
121
1N4738A
8.2
31
4.5
700
0.5
10
6
550
110
1N4739A
9.1
28
5
700
0.5
10
7
500
100
1N4740A
10
25
7
700
0.25
10
7.6
454
91
1N4741A
11
23
8
700
0.25
5
8.4
414
83
1N4742A
12
21
9
700
0.25
5
9.1
380
76
1N4743A
13
19
10
700
0.25
5
9.9
344
69
1N4744A
15
17
14
700
0.25
5
11.4
304
61
1N4745A
16
15.5
16
700
0.25
5
12.2
285
57
1N4746A
18
14
20
750
0.25
5
13.7
250
50
1N4747A
20
12.5
22
750
0.25
5
15.2
225
45
1N4748A
22
11.5
23
750
0.25
5
16.7
205
41
1N4749A
24
10.5
25
750
0.25
5
18.2
190
38
1N4750A
27
9.5
35
750
0.25
5
20.6
170
34
1N4751A
30
8.5
40
1000
0.25
5
22.8
150
30
1N4752A
33
7.5
45
1000
0.25
5
25.1
135
27
1N4753A
36
7
50
1000
0.25
5
27.4
125
25
1N4754A
39
6.5
60
1000
0.25
5
29.7
115
23
1N4755A
43
6
70
1500
0.25
5
32.7
110
22
1N4756A
47
5.5
80
1500
0.25
5
35.8
95
19
1N4757A
51
5
95
1500
0.25
5
38.8
90
18
1N4758A
56
4.5
110
2000
0.25
5
42.6
80
16
1N4759A
62
4
125
2000
0.25
5
47.1
70
14
1N4760A
68
3.7
150
2000
0.25
5
51.7
65
13
1N4761A
75
3.3
175
2000
0.25
5
56
60
12
1N4762A
82
3.0
200
3000
0.25
5
62.2
55
11
1N4763A
91
2.8
250
3000
0.25
5
69.2
50
10
1N4764A
100
2.5
350
3000
0.25
5
76.0
45
9


Número de pieza similar - 1N4731A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
1N4731A SEMTECH_ELEC-1N4731A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4731A PHILIPS-1N4731A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4731A VISHAY-1N4731A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
New Jersey Semi-Conduct...
1N4731A NJSEMI-1N4731A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
List of Unclassifed Man...
1N4731A ETC1-1N4731A Datasheet
16Kb / 1P
   Zener Diodes
More results

Descripción similar - 1N4731A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com