Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5227B Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza 1N5227B
Descripción Electrónicos  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5227B Datasheet(HTML) 5 Page - Vishay Siliconix

  1N5227B Datasheet HTML 1Page - Vishay Siliconix 1N5227B Datasheet HTML 2Page - Vishay Siliconix 1N5227B Datasheet HTML 3Page - Vishay Siliconix 1N5227B Datasheet HTML 4Page - Vishay Siliconix 1N5227B Datasheet HTML 5Page - Vishay Siliconix 1N5227B Datasheet HTML 6Page - Vishay Siliconix 1N5227B Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N5221B to 1N5267B
Document Number 85588
Rev. 1.7, 23-Mar-07
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in millimeters (inches): DO35
Figure 11. Thermal Response
1
10
100
1000
t
P - Pulse Length (ms)
95 9603
10-1
100
101
102
t
P/T = 0.5
t
P/T = 0.2
t
P/T = 0.1
t
P/T = 0.05
t
P/T = 0.02
t
P/T = 0.01
Single Pulse
R
thJA = 300 K/W
T = T
jmax - Tamb
i
ZM = (- VZ + (VZ
2 + 4r
zj x T/Zthp)
1/2)/(2r
zj)
94 9366
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
Cathode Identification
Rev. 6 - Date: 29. January 2007
Document no.: 6.560-5004.02-4


Número de pieza similar - 1N5227B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
1N5227B TGS-1N5227B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5227B VISHAY-1N5227B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5227B ZSELEC-1N5227B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Yea Shin Technology Co....
1N5227B YEASHIN-1N5227B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Weitron Technology
1N5227B WEITRON-1N5227B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
More results

Descripción similar - 1N5227B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com