Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7280 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7280
Descripción Electrónicos  Lithium Ion Battery Monitoring System
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7280 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7280 Datasheet HTML 4Page - Analog Devices AD7280 Datasheet HTML 5Page - Analog Devices AD7280 Datasheet HTML 6Page - Analog Devices AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices AD7280 Datasheet HTML 10Page - Analog Devices AD7280 Datasheet HTML 11Page - Analog Devices AD7280 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD7280
Preliminary Technical Data
Rev. PrD | Page 8 of 33
43
SDIhi
Serial Data Input in Daisy Chain mode. The data from each AD7280 in the Daisy Chain will be passed through
the SDOlo outputs and SDIhi inputs of each AD7280 in the chain and supplied to the uP/DSP through the SDO
output of the master AD7280. This input should be connected to the SDOlo output of the AD7280 immediately
above it in potential on the Daisy Chain.
44
CNVSThi
Conversion Start Output in Daisy Chain mode. The convert start signal from the uP/DSP supplied to the CNVST
input of the Master AD7280 is passed through each AD7280 by means of the CNVST input and the CNVSThi
output. This output should be connected to the CNVST pin of the AD7280 immediately above it in potential on
the Daisy Chain.
45
SDOhi
Serial Data Output in Daisy Chain mode. The Serial Data input from the uP/DSP supplied to the SDI input of the
Master AD7280 is passed through each AD7280 by means of the SDI input and the SDOhi output. This output
should be connected to the SDI input of the AD7280 immediately above it in potential on the Daisy Chain.
46
SCLKhi
Serial Clock Output in Daisy Chain mode. The clock signal from the uP/DSP supplied to the SCLK input of the
Master AD7280 is passed through each AD7280 by means of the SCLK input and the SCLKhi output. This output
should be connected to the SCLK input of the AD7280 immediately above it in potential in the Daisy Chain.
47
CShi
Chip select Output in Daisy Chain mode. The chip select signal from the uP/DSP supplied to the CS input of the
Master AD7280 is passed through each AD7280 by means of the CS input and the CShi output. This output
should be connected to the CS input of the AD7280 immediately above it in potential on the Daisy Chain.
48
PDhi
Power down Output in Daisy Chain mode. The power down signal from the uP/DSP supplied to the PD input of
the Master AD7280 is passed through each AD7280 by means of the PD input and the PDhi output. This output
should be connected to the PD pin of the AD7280 immediately above it in potential on the Daisy Chain.


Número de pieza similar - AD7280

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ AD-AD7280ABSTZ Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ-RL AD-AD7280ABSTZ-RL Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ AD-AD7280AWBSTZ Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ-RL AD-AD7280AWBSTZ-RL Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results

Descripción similar - AD7280

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
   2200mAh Lithium Ion Battery
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com