Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2362 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza 2SC2362
Descripción Electrónicos  High-Voltage Low-Noise Amp Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2362 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC2362_08 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2362_08 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2362_08 Datasheet HTML 3Page - Sanyo Semicon Device 2SC2362_08 Datasheet HTML 4Page - Sanyo Semicon Device 2SC2362_08 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1016, 1016K / 2SC2362, 2362K
No.0572-1/5
Specifications ( ) : 2SA1016, 1016K
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
2SA1016, 2SC2362
2SA1016K, 2SC2362K
Unit
Collector-to-Base Voltage
VCBO
(--)120
(--)150
V
Collector-to-Emitter Voltage
VCEO
(--)100
(--)120
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)50
mA
Collector Current (Pulse)
ICP
(--)100
mA
Collector Dissipation
PC
400
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)80V, IE=0A
(--)1.0
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1.0
μA
DC Current Gain
hFE
VCE=(--)6V, IC=(--)1mA
160*
960*
Gain-Bandwidth Product
fT
VCE=(--)6V, IC=(--)1mA
(110)130
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(2.2)1.8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)10mA, IB=(--)1mA
(--)0.5
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A [2SA1016, 2SC2362]
(--)120
V
IC=(--)10μA, IE=0A [2SA1016K, 2SC2362K]
(--)150
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞ [2SA1016, 2SC2362]
(--)100
V
IC=(--)1mA, RBE=∞ [2SA1016K, 2SC2362K]
(--)120
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)5
V
Continued on next page.
* : The 2SA1016,1016K/2SC2362, 2362K are classified by 1mA hFE as follows :
Rank
F
G
H
hFE
160 to 320
280 to 560
480 to 960
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN0572F
71608GA TI IM TC-00001502 / 70502TN (KT)/71598HA (KT)/3187AT/3075KI/1313KI
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SA1016, 1016K
2SC2362, 2362K
PNP / NPN Epitaxial Planar Silicon Transistors
High-Voltage Low-Noise Amp
Applications


Número de pieza similar - 2SC2362_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SC2362K SANYO-2SC2362K Datasheet
127Kb / 4P
   High-Voltage Low-Noise Amp Applications
More results

Descripción similar - 2SC2362_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SA1016 SANYO-2SA1016 Datasheet
127Kb / 4P
   High-Voltage Low-Noise Amp Applications
2SK932 SANYO-2SK932 Datasheet
78Kb / 3P
   High-Frequency Low-Noise Amp Applications
2SK1961 SANYO-2SK1961 Datasheet
128Kb / 5P
   High-Frequency Low-Noise Amp Applications???????
2SK2074 SANYO-2SK2074 Datasheet
79Kb / 3P
   High-Frequency Low-Noise Amp Applications?????????
2SK2218 SANYO-2SK2218 Datasheet
130Kb / 5P
   High-Frequency Low-Noise Amp Applications??????????
2SK222 SANYO-2SK222 Datasheet
74Kb / 3P
   High-Frequency, Low-Noise Amp Applications????????????
FC156 SANYO-FC156 Datasheet
133Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications?
FH102 SANYO-FH102 Datasheet
66Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications
FC157 SANYO-FC157 Datasheet
147Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications???
2SK2395 SANYO-2SK2395 Datasheet
79Kb / 3P
   Low-Noise HF Amp Applications?
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com