Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA2006V Datasheet(PDF) 2 Page - STMicroelectronics |
|
TDA2006V Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 12 page SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit Vs Supply Voltage ± 15 V Vi Input Voltage Vs Vi Differential Input Voltage ± 12 V Io Output Peak Current (internaly limited) 3 A Ptot Power Dissipation at Tcase =90 °C20 W Tstg,Tj Storage and Junction Temperature – 40 to 150 °C THERMAL DATA Symbol Parameter Value Unit Rth (j-c) Thermal Resistance Junction-case Max 3 °C/W PIN CONNECTION TDA2006 2/12 |
Número de pieza similar - TDA2006V |
|
Descripción similar - TDA2006V |