Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4040D50FTA Datasheet(PDF) 4 Page - Zetex Semiconductors

No. de pieza LM4040D50FTA
Descripción Electrónicos  Precision micropower shunt voltage references
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZETEX [Zetex Semiconductors]
Página de inicio  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

LM4040D50FTA Datasheet(HTML) 4 Page - Zetex Semiconductors

  LM4040D50FTA Datasheet HTML 1Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 2Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 3Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 4Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 5Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 6Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 7Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 8Page - Zetex Semiconductors LM4040D50FTA Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM4040 - 3.0
Issue 4 - July 2008
4
www.zetex.com
© Diodes Incorporated
www.diodes.com
Electrical characteristics
Over recommended operating conditions, Tamb = 25°C, unless otherwise stated
Symbol Parameter
Conditions
Typ.
LM404
B limits
LM4040
C limits
LM4040
D limits
Units
Tamb
VREF
Reverse
breakdown
voltage
IR = 100 A25°C
3.0
V
Reverse
breakdown
voltage tolerance
IR = 100 A
25°C
±6
±15
±30
mV
-40 to 85°C
±26
±34
±59
-40 to 125°C
TBD
±45
±75
IRMIN
Minimum
operating current
25°C
47
62
62
67
A
-40 to 85°C
67
67
72
-40 to 125°C
70
70
75
VR/ T
Average reverse
breakdown
voltage
temperature
coefficient
IR = 10mA
-40 to 125°C
±20
ppm/°C
IR = 1mA,
±15
100
±100
±150
IR = 100 A±15
VR/ IR
Reverse
breakdown
change with
current
IRMIN < IR
< 1mA
25°C
0.4
0.8
0.8
1.1
mV
-40 to 85°C
1.1
1.1
1.3
-40 to 125°C
1.1
1.1
1.3
1mA < IR <
15 mA
25°C
2.7
6.0
6.0
8.0
-40 to 85°C
9.0
9.0
11.0
-40 to 125°C
9.0
9.0
11.0
ZR
Dynamic output
impedance
IR = 1mA, f = 120Hz
IAC = 0.1IR
0.4
0.9
0.9
1.2
en
Noise voltage
IR = 100 A
10Hz < f < 10kHz
35
VRMS
VR
Long term
stability (non
cumulative)
t = 1000Hrs IR = 100 A120
ppm
VHYST
Thermal
hysteresis
T = -40°C to +125°C
0.08
%


Número de pieza similar - LM4040D50FTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
LM4040D50FTA ZETEX-LM4040D50FTA Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040D50FTA DIODES-LM4040D50FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results

Descripción similar - LM4040D50FTA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com