Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA2320AN Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza TDA2320AN
Descripción Electrónicos  STEREO AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320AN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2320AN Datasheet HTML 4Page - STMicroelectronics TDA2320AN Datasheet HTML 5Page - STMicroelectronics TDA2320AN Datasheet HTML 6Page - STMicroelectronics TDA2320AN Datasheet HTML 7Page - STMicroelectronics TDA2320AN Datasheet HTML 8Page - STMicroelectronics TDA2320AN Datasheet HTML 9Page - STMicroelectronics TDA2320AN Datasheet HTML 10Page - STMicroelectronics TDA2320AN Datasheet HTML 11Page - STMicroelectronics TDA2320AN Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1/2
TDA2320A
0.22
µF
7
8
5
6
4
10k
10k
+15V
100nF
5.6nF
-15V
100nF
5.6k
5k
0.47
µF
TO
WOOFER
AMPLIFIER
1/2
TDA2320A
1
3
2
10k
5.6k
5k
0.1
µF
TO
TWEETER
AMPLIFIER
22k
5.6nF
5.6nF
IN
12nF
f = 2kHz
c
Figure 14 : Second Order 2kHz Butterworth
Crossover Filter for Hi-Fi Active
Boxes
Figure 16 : Frequency Response
(circuit of figure 14)
1/2
TDA2320A
C1
0. 22
µF
7
8
5
6
4
+15V
100nF
C4
1.2nF
-15V
100nF
R4
5.6k
5k
C5
0.47
µF
WOOFER
AMPLIFIER
1/2
TDA2320A
1
3
2
R6
8.2k
R8
5.6k
5k
C9
0.1
µF
TWEETER
AMPLIFIER
R7
47k
C6
4.7nF
INPUT
C3
6.8nF
f = 2.8kHz
c
R1
12k
R2
12k
C2
4.7nF
R3
12k
C7
4.7nF
R5
12k
C8
4.7nF
P1
P2
Figure15:Third Order 2.8kHz Bessel
Crossover Filter for Hi-Fi
Actives Boxes
Figure17: Frequency Response
(circuit of figure 15)
TDA2320A
8/12


Número de pieza similar - TDA2320AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
TDA2320N STMICROELECTRONICS-TDA2320N Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
More results

Descripción similar - TDA2320AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BT2025BH ETC1-BT2025BH Datasheet
79Kb / 1P
   Stereo Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
STK2129 ETC-STK2129 Datasheet
159Kb / 4P
   STEREO POWER AMPLIFIER
logo
Unisonic Technologies
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
   10W STEREO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD1517P YOUDA-YD1517P Datasheet
84Kb / 5P
   STEREO POWER AMPLIFIER
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com