Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF740AL Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza IRF740AL
Descripción Electrónicos  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF740AL Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF740AL Datasheet HTML 1Page - Vishay Siliconix IRF740AL Datasheet HTML 2Page - Vishay Siliconix IRF740AL Datasheet HTML 3Page - Vishay Siliconix IRF740AL Datasheet HTML 4Page - Vishay Siliconix IRF740AL Datasheet HTML 5Page - Vishay Siliconix IRF740AL Datasheet HTML 6Page - Vishay Siliconix IRF740AL Datasheet HTML 7Page - Vishay Siliconix IRF740AL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91052
www.vishay.com
S-Pending-Rev. A, 19-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRF740AS, IRF740AL, SiHF740AS, SiHF740AL
Vishay Siliconix
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully
Characterized
Capacitance
and
Avalanche Voltage and Current
• Effective Coss specified (AN 1001)
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High speed Power Switching
TYPICAL SMPS TOPOLOGIES
• Single Transistor Flyback Xfmr. Reset
• Single Transistor Forward Xfmr. Reset
(Both for US Line Input Only)
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 12.6 mH, RG = 25 Ω, IAS = 10 A (see fig. 12).
c. ISD ≤ 10 A, dI/dt ≤ 330 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Uses IRF740A/SiHF740A data and test conditions.
PRODUCT SUMMARY
VDS (V)
400
RDS(on) (Ω)VGS = 10 V
0.55
Qg (Max.) (nC)
36
Qgs (nC)
9.9
Qgd (nC)
16
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRF740ASPbF
IRF740ASTRLPbFa
IRF740ASTRRPbFa
IRF740ALPbF
SiHF740AS-E3
SiHF740ASTL-E3a
SiHF740ASTR-E3a
SiHF740AL-E3
SnPb
IRF740AS
IRF740ASTRLa
IRF740ASTRRa
IRF740AL
SiHF740AS
SiHF740ASTLa
SiHF740ASTRa
SiHF740AL
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
10
A
TC = 100 °C
6.3
Pulsed Drain Currenta, e
IDM
40
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb, e
EAS
630
mJ
Avalanche Currenta
IAR
10
A
Repetiitive Avalanche Energya
EAR
12.5
mJ
Maximum Power Dissipation
TA = 25 °C
PD
3.1
W
TC = 25 °C
125
Peak Diode Recovery dV/dtc, e
dV/dt
5.9
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Número de pieza similar - IRF740AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF740AL IRF-IRF740AL Datasheet
141Kb / 10P
   Switch Mode Power Supply (SMPS)
logo
Vishay Siliconix
IRF740AL VISHAY-IRF740AL Datasheet
238Kb / 11P
   Power MOSFET
01-Jan-2022
IRF740ALPBF VISHAY-IRF740ALPBF Datasheet
238Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Descripción similar - IRF740AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com