Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF730ALPBF Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza IRF730ALPBF
Descripción Electrónicos  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF730ALPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  IRF730ALPBF Datasheet HTML 1Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 2Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 3Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 4Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 5Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 6Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 7Page - Vishay Siliconix IRF730ALPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 91046
www.vishay.com
S-Pending-Rev. A, 30-May-08
3
IRF730AS, SiHF730AS, IRF730AL, SiHF730AL
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
0.01
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
TJ= 25 °C
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
VDS, Drain-to-Source Voltage (V)
4.5V
0.01
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
TJ= 150 °C
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
VDS, Drain-to-Source Voltage (V)
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VDS = 50V
20µs PULSE WIDTH
VGS, Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 150 °C
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
VGS, Gate-to-Source Voltage (V)
VGS = 10V
ID = 5.5 A


Número de pieza similar - IRF730ALPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF730ALPBF IRF-IRF730ALPBF Datasheet
296Kb / 10P
   HEXFET Power MOSFET (SMPS MOSFET)
More results

Descripción similar - IRF730ALPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com