Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS3A24159 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TS3A24159 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 25 page 1 FEATURES APPLICATIONS DGS PACKAGE (TOP VIEW) V+ NO1 COM1 IN1 NC1 1 2 3 4 5 NO2 COM2 IN2 NC2 GND 10 9 8 7 6 COM1 V+ NO1 IN1 NC1 NO2 COM2 IN2 NC2 GND DRC PACKAGE (TOP VIEW) 10 9 8 7 6 1 2 3 4 5 YZP PACKAGE (TOP-THROUGH VIEW) 1 2 3 D C B A DESCRIPTION/ORDERING INFORMATION TS3A24159 0.3- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS238C – MARCH 2007 – REVISED FEBRUARY 2008 www.ti.com 2 • Specified Break-Before-Make Switching • Low ON-State Resistance (0.3 Ω Max) • Low Charge Injection • Excellent ON-State Resistance Matching • Low Total Harmonic Distortion (THD) • 1.65-V to 3.6-V Single-Supply Operation • Control Inputs Are 1.8-V Logic Compatible • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • ESD Performance Tested Per JESD 22 – 2000-V Human-Body Model (A114-B, Class II) – 1000-V Charged-Device Model (C101) • Cell Phones • PDAs • Portable Instrumentation • Audio and Video Signal Routing • Low-Voltage Data-Acquisition Systems • Communication Circuits • Modems • Hard Drives • Computer Peripherals • Wireless Terminals and Peripherals YZP PACKAGE TERMINAL ASSIGNMENTS D NO2 V+ NO1 C COM2 COM1 B IN2 IN1 A NC2 GND NC1 3 2 1 The TS3A24159 is a dual single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to 3.6 V. It offers low ON-state resistance and excellent ON-state resistance matching with the break-before-make feature, to prevent signal distortion during the transferring of a signal from one channel to another. The device has excellent total harmonic distortion (THD) performance and consumes very low power. These features make this device suitable for portable audio applications. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 NanoFree is a trademark of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 2007–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TS3A24159 |
|
Descripción similar - TS3A24159 |