Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS3A24159 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TS3A24159 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 25 page www.ti.com TS3A24159 0.3- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS238C – MARCH 2007 – REVISED FEBRUARY 2008 ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (continued) V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25 °C 1.8 V 53 75 VCOM = V+, CL = 35 pF, 1.65 V Turn-on time tON ns RL = 50 Ω, See Figure 14 Full to 30 1.95 V 25 °C 1.8 V 24 35 VCOM = V+, CL = 35 pF, 1.65 V Turn-off time tOFF ns RL = 50 Ω, See Figure 14 Full to 40 1.95 V 25 °C 1.8 V 2 30 40 Break-before- VNC = VNO = V+, CL = 35 pF, 1.65 V tBBM ns make time RL = 50 Ω, See Figure 15 Full to 1 50 1.95 V VGEN = 0, CL = 1 nF, Charge injection QC 25 °C 1.8 V 5 pC RGEN = 0, See Figure 19 NC, NO CNC(OFF), VNC or VNO = V+ or GND, See Figure 13 25 °C 1.8 V 90 pF OFF capacitance CNO(OFF) Switch OFF, NC, NO CNC(ON), VNC or VNO = V+ or GND, See Figure 13 25 °C 1.8 V 250 pF ON capacitance CNO(ON) Switch ON, COM VCOM = V+ or GND, CCOM(ON) See Figure 13 25 °C 1.8 V 250 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND, See Figure 13 25 °C 1.8 V 2 pF capacitance RL = 50 Ω, Bandwidth BW See Figure 16 25 °C 1.8 V 23 MHz Switch ON, RL = 50 Ω, OFF isolation OISO See Figure 17 25 °C 1.8 V –73 dB f = 1 MHz, RL = 50 Ω, Crosstalk XTALK See Figure 18 25 °C 1.8 V –97 dB f = 1 MHz, f = 20 Hz to 20 Total harmonic RL = 600 Ω, 0.00 THD kHz, 25 °C 1.8 V % distortion CL = 50 pF, 5 See Figure 20 Supply 25 °C 100 50 Positive supply I+ VI = V+ or GND 1.95 V nA current Full 700 Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TS3A24159 |
Número de pieza similar - TS3A24159 |
|
Descripción similar - TS3A24159 |