Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSB43EC42 Datasheet(PDF) 6 Page - Texas Instruments |
|
TSB43EC42 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 13 page TSB43EA/EB/EC42 TI IEEE 1394a-2000 TSB43EA/EB/EC43 Consumer Electronics Solution SLLA275A – April 2008 – Revised July 2008 Released – v1.1 PRODUCTION DATA Information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2008, Texas Instruments Incorporated POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 6 3.7 Hardware Packet Formatting for the Following Standards • IEC61883-1 (general) • IEC61883-2 (SD-DVCR) • IEC61883-4 (MPEG2-TS) • IEC61883-7 (ITU-R BO.1294 System B) – DSS • Generic 61883 mode • Asynchronous packets • Asynchronous streams • PHY packets (including self-IDs) • MPEG4 supported under IEC61883-4 (no new requirement for MPEG4 over 1394) 3.8 Additional Features • JTAG interface to support post-assembly scan of device I/O – boundary scan • Unique “binding” method for protecting sensitive data on the circuit board traces at the Ex-CPU interface • Unique “EMI-AES Binding” method to prevent protected data from being transmitted in the clear. |
Número de pieza similar - TSB43EC42 |
|
Descripción similar - TSB43EC42 |