Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LA72715V Datasheet(PDF) 5 Page - Sanyo Semicon Device |
|
LA72715V Datasheet(HTML) 5 Page - Sanyo Semicon Device |
5 / 12 page LA72715V, 72715VA No.A0982-5/12 Block Diagram and Application Circuit Example The value of (1*), (2*), and (3*) affects sensitivity for signal detection. It must be adjusted depending on the circumstances by the user. (1*): Recommended constant value 0.0033 µF + 470kΩ (values when tested) (2*): Recommended matching resistor value R1=1k Ω, R2=1kΩ Recommended BPF Murata SFSRA4M50DF00-B0 (3*): Recommended constant value 4.7 µF to 10kΩ The ceramic capacitor may be used for the electrolytic capacitor. |
Número de pieza similar - LA72715V |
|
Descripción similar - LA72715V |