Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1909M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LB1909M
Descripción Electrónicos  Monolithic Linear IC Stepping Motor Driver IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1909M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1909M Datasheet HTML 1Page - Sanyo Semicon Device LB1909M Datasheet HTML 2Page - Sanyo Semicon Device LB1909M Datasheet HTML 3Page - Sanyo Semicon Device LB1909M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1909M
No.A0000-2/4
Allowable Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 16
V
Input high level voltage
VIH
1.8 to 10
V
Input low level voltage
VIL
Pins ENA, IN1, IN2
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA = L
0.1
10
µA
Power source current
ICC1
ENA = H
25
35
mA
VOUT1
IOUT = 200mA
0.25
0.35
V
Output saturation voltage
VOUT2
IOUT = 400mA
0.50
0.75
V
Input current
IIN
VIN = 5V
120
160
µA
Thermal protection block *1
Thermal shutdown operation
temperature
Ttsd
Design guarantee *2
180
°C
Temperature hysteresis width
∆Ttsd
60
°C
Spark killer diode
Reverse current
IS(leak)
30
µA
orward voltage
VSF
IOUT = 400mA
1.7
V
*1 The thermal protection function is a feature to prevent the product from smoking and firing under unusual conditions. It is not intended to guarantee
operation of the product under an ambient temperature exceeding the operating temperature range.
*2 Design guarantee is not tested in individual units.
Package Dimensions
unit : mm (typ)
3086B
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
0.18
0.45
-20
0
20
40
60
80
100
0
1.0
0.8
0.6
0.4
0.2
Pd max -- Ta
85
0.35
0.87
Ambient temperature, Ta --
°C
Independent IC
Specified board : 114.3
×76.1×1.6mm3
glass epoxy board
-30


Número de pieza similar - LB1909M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
logo
ON Semiconductor
LB1909MC ONSEMI-LB1909MC Datasheet
63Kb / 4P
   Stepping Motor Driver IC
June, 2013
LB1909MC-BH ONSEMI-LB1909MC-BH Datasheet
63Kb / 4P
   Stepping Motor Driver IC
June, 2013
More results

Descripción similar - LB1909M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TC78S600FNG TOSHIBA-TC78S600FNG Datasheet
1Mb / 40P
   Stepping Motor Driver IC
2014-10-01
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
   STEPPING MOTOR DRIVER IC
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com