Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC890561W Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC890561W
Descripción Electrónicos  CMOS IC Digital Audio Interface Receiver with Built-in Data Buffer Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC890561W Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC890561W Datasheet HTML 7Page - Sanyo Semicon Device LC890561W Datasheet HTML 8Page - Sanyo Semicon Device LC890561W Datasheet HTML 9Page - Sanyo Semicon Device LC890561W Datasheet HTML 10Page - Sanyo Semicon Device LC890561W Datasheet HTML 11Page - Sanyo Semicon Device LC890561W Datasheet HTML 12Page - Sanyo Semicon Device LC890561W Datasheet HTML 13Page - Sanyo Semicon Device LC890561W Datasheet HTML 14Page - Sanyo Semicon Device LC890561W Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LC890561W
No8226-11/47
9. Built-in Regulator (VREF)
• It has built-in regulator that can step down 3.3V to 1.8V in order to supply voltage into logic part.
• VREF is pin for voltage smoothing which can output regulator and connects the capacity as shown below.
C0
C1
10
µF
0.1
µF
Figure 9.1 Composition of the regulator output
10. Analog Source Mode
• The analog source mode is entered under the following conditions.
−When the analog source mode is selected with the SMOD command.
−When the input pin selected for data demodulation is no signal.
• In the analog source mode, the oscillation amplifier clock or the externally supplied clock are used.
• Each signal in the analog source mode is described below.
−VCO holds the status of free-run oscillation when SMOD is set and also when no signal is input.
−ERROR pin outputs high and DATAO pin outputs SDIN input data.
−XSTATE pin outputs high after about 512*LRCK(fs) (LRCK=48kHz or 96kHz) counts after XSTATE pin outputs low.
−The clock set with XADC command is output from XMCK.
−The output of BCK and LRCK are as follows.
Table 10.1 BCK and LRCK Outputs with Analog Source
XIN pin
BCK pin
LRCK pin
12.288MHz
3.072MHz
48kHz
24.576MHz
6.144MHz
96kHz
12MHz to 25MHz
XIN/4
XIN/256
VREF
C0
C1


Número de pieza similar - LC890561W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results

Descripción similar - LC890561W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com