Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRFP254NPBF Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza IRFP254NPBF
Descripción Electrónicos  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP254NPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  IRFP254NPBF Datasheet HTML 1Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 2Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 3Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 4Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 5Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 6Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 7Page - Vishay Siliconix IRFP254NPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
Document Number: 91213
4
S-Pending-Rev. A, 24-Jun-08
IRFP254N, SiHFP254N
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Crss
Coss
Ciss
1
10
100
1000
0
1000
2000
3000
4000
VDS, Drain-to-Source Voltage (V)
VGS = 0 V,
f = 1 MHz
Ciss = Cgs + Cgd, Cds
SHORTED
Crss = Cgd
Coss = Cds + Cgd
020
40
60
80
100
0
4
8
12
16
20
QG, Total Gate Charge (nC)
ID = 14 A
VDS = 200 V
VDS = 125 V
VDS = 50 V
For Test Circuit
See Fig. 13
VSD, Source-to-Drain Voltage (V)
TJ = 175 °C
TJ = 25 °C
VGS = 0 V
100
0.4
0.8
0.6
1.0
1.2
0.1
1
10
0.2
10
100
1000
10000
0.1
10
1000
1
VDS, Drain-to-Source Voltage (V)
OPERATING IN THIS AREA LIMITED
BY RDS(on)
10 ms
1 ms
100 µs
TC = 25 °C
TJ = 175 °C
Single Pulse
100
1


Número de pieza similar - IRFP254NPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFP254NPBF IRF-IRFP254NPBF Datasheet
177Kb / 8P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRFP254NPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com