Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7442D013TR Datasheet(PDF) 5 Page - STMicroelectronics |
|
TDA7442D013TR Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 17 page 5/17 TDA7442 - TDA7442D VOUT DC Voltage Level 3.8 V MONITOR OUTPUTS d Distorsion Av = 0 ; Vin = 1Vrms 0.01 0.1 % SC Channel Separation 70 90 dB VOCL Clipping Level d = 0.3% 2 2.5 Vrms ROUT Output Resistance 20 50 70 Ω VOUT DC Voltage Level 4.5 V BUS INPUTS VIL Input Low Voltage 1V VIH Input High Voltage 3 V IIN Input Current -5 +5 µA VO Output Voltage SDA Acknowledge IO = 1.6mA 0.4 V Table 5. Electrical Characteristics (continued) Refer to the test circuit Tamb = 25°C, VS = 9V, RL = 10KΩ, Vin = 1Vrms; RG = 600Ω, all controls flat (G = 0dB), Effect Ctrl = -6dB, MODE = OFF; f = 1KHz unless otherwise specified. Symbol Parameter Test Condition Min. Typ. Max. Unit |
Número de pieza similar - TDA7442D013TR |
|
Descripción similar - TDA7442D013TR |