Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1056X Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI1056X
Descripción Electrónicos  N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1056X Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1056X Datasheet HTML 1Page - Vishay Siliconix SI1056X Datasheet HTML 2Page - Vishay Siliconix SI1056X Datasheet HTML 3Page - Vishay Siliconix SI1056X Datasheet HTML 4Page - Vishay Siliconix SI1056X Datasheet HTML 5Page - Vishay Siliconix SI1056X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 73895
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1056X
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.001
0.01
1
VSD - Source-to-Drain Voltage (V)
1.0
0.8
0.6
0.4
0.2
0.0
T = 150 °C
J
T = 25 °C
J
0.1
10
0.2
0.4
0.6
0.8
1.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature ( °C)
RDS(on) vs. VGS vs. Temperature
Single Pulse Power
0.00
0.05
0.10
0.15
0.20
012345
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
ID = 1.3 A
3.0
5.0
1.0
2.0
Time (s)
4.0
1000
100
10
1
0.1
0.01
0
Safe Operating Area, Junction-to-Ambient
* VGS
minimum VGS at which RDS(on) is specified
10
0.1
1
10
100
0.001
0.01
VDS - Drain-to-Source Voltage (V)
0.1
Limited by RDS(on)*
TA = 25 °C
Single Pulse
BVDSS Limited
10 s
DC
100 ms
10 ms
1 ms
1
1 s


Número de pieza similar - SI1056X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1056X VISHAY-SI1056X Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
More results

Descripción similar - SI1056X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com