Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1553DL Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1553DL
Descripción Electrónicos  Complementary 2.5-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1553DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1553DL Datasheet HTML 1Page - Vishay Siliconix SI1553DL Datasheet HTML 2Page - Vishay Siliconix SI1553DL Datasheet HTML 3Page - Vishay Siliconix SI1553DL Datasheet HTML 4Page - Vishay Siliconix SI1553DL Datasheet HTML 5Page - Vishay Siliconix SI1553DL Datasheet HTML 6Page - Vishay Siliconix SI1553DL Datasheet HTML 7Page - Vishay Siliconix SI1553DL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si1553DL
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71078
S-21374—Rev. D, 12-Aug-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
VDS = VGS, ID = 250 mA
N-Ch
0.6
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 mA
P-Ch
-0.6
V
"
N-Ch
"100
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
P-Ch
"100
nA
VDS = 16 V, VGS = 0 V
N-Ch
1
VDS = -16 V, VGS = 0 V
P-Ch
-1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 85_C
N-Ch
5
mA
VDS = -16 V, VGS = 0 V, TJ = 85_C
P-Ch
-5
VDS w 5 V, VGS = 4.5 V
N-Ch
1.0
On-State Drain Currenta
ID(on)
VDS p -5 V, VGS = -4.5 V
P-Ch
-1.0
A
VGS = 4.5 V, ID = 0.66 A
N-Ch
0.320
0.385
VGS = -4.5 V, ID = -0.41 A
P-Ch
0.850
0.995
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 0.40 A
N-Ch
0.560
0.630
W
VGS = -2.5 V, ID = -0.25 A
P-Ch
1.4
1.800
VDS = 10 V, ID = 0.66 A
N-Ch
1.5
Forward Transconductancea
gfs
VDS = -10 V, ID = -0.41 A
P-Ch
0.8
S
IS = 0.23 A, VGS = 0 V
N-Ch
0.8
1.2
Diode Forward Voltagea
VSD
IS = -0.23 A, VGS = 0 V
P-Ch
-0.8
-1.2
V
Dynamicb
N-Ch
0.8
1.2
Total Gate Charge
Qg
N-Channel
P-Ch
1.2
1.8
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 0.66 A
N-Ch
0.06
Gate-Source Charge
Qgs
P-Channel
P-Ch
0.45
nC
VDS = -10 V, VGS = -4.5 V, ID = -0.41 A
N-Ch
0.30
Gate-Drain Charge
Qgd
P-Ch
0.25
N-Ch
10
20
Turn-On Delay Time
td(on)
P-Ch
7.5
15
N-Channel
W
N-Ch
16
30
Rise Time
tr
VDD = 10 V, RL = 20 W
ID ^ 0.5 A, VGEN = 4.5 V, RG = 6 W
P-Ch
20
40
P-Channel
W
N-Ch
10
20
Turn-Off Delay Time
td(off)
P-Channel
VDD = -10 V, RL = 20 W
I
^ -0.5 A, V
= -4.5 V, R = 6
W
P-Ch
8.5
17
ns
ID ^ -0.5 A, VGEN = -4.5 V, RG = 6 W
N-Ch
10
20
Fall Time
tf
P-Ch
12
24
Source-Drain
IF = 0.23 A, di/dt = 100 A/ms
N-Ch
20
40
Source-Drain
Reverse Recovery Time
trr
IF = -0.23 A, di/dt = 100 A/ms
P-Ch
25
40
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Número de pieza similar - SI1553DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1553DL VISHAY-SI1553DL Datasheet
61Kb / 7P
   Complementary 2.5-V (G-S) MOSFET
Rev. D, 12-Aug-02
SI1553DL VISHAY-SI1553DL Datasheet
133Kb / 8P
   Complementary 2.5 V (G-S) MOSFET
08-Feb-17
SI1553DL VISHAY-SI1553DL_V01 Datasheet
133Kb / 8P
   Complementary 2.5 V (G-S) MOSFET
08-Feb-17
More results

Descripción similar - SI1553DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1553DL VISHAY-SI1553DL_V01 Datasheet
133Kb / 8P
   Complementary 2.5 V (G-S) MOSFET
08-Feb-17
SI1553DL VISHAY-SI1553DL Datasheet
61Kb / 7P
   Complementary 2.5-V (G-S) MOSFET
Rev. D, 12-Aug-02
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI2301BDS VISHAY-SI2301BDS Datasheet
59Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI1303DL VISHAY-SI1303DL Datasheet
45Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI5443DC VISHAY-SI5443DC Datasheet
102Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 05-Aug-02
SI1303EDL VISHAY-SI1303EDL Datasheet
74Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 29-Nov-99
SI5404DC-T1-E3 VISHAY-SI5404DC-T1-E3 Datasheet
77Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI1403DL VISHAY-SI1403DL Datasheet
68Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 17-Jul-00
SI3442BDV VISHAY-SI3442BDV_08 Datasheet
112Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. D, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com