Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1563DH Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI1563DH
Descripción Electrónicos  Complementary 20-V (D-S) Low-Threshold MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563DH Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1563DH Datasheet HTML 1Page - Vishay Siliconix SI1563DH Datasheet HTML 2Page - Vishay Siliconix SI1563DH Datasheet HTML 3Page - Vishay Siliconix SI1563DH Datasheet HTML 4Page - Vishay Siliconix SI1563DH Datasheet HTML 5Page - Vishay Siliconix SI1563DH Datasheet HTML 6Page - Vishay Siliconix SI1563DH Datasheet HTML 7Page - Vishay Siliconix SI1563DH Datasheet HTML 8Page - Vishay Siliconix SI1563DH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
D TrenchFETr Power MOSFETS: 1.8-V Rated
D Thermally Enhanced SC-70 Package
D Fast Switching
APPLICATIONS
D Load Switch for Portable Devices
Si1563DH
Vishay Siliconix
New Product
Document Number: 71963
S-21483—Rev. A, 26-Aug-02
www.vishay.com
1
Complementary 20-V (D-S) Low-Threshold MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.280 @ VGS = 4.5 V
1.28
N-Channel
20
0.360 @ VGS = 2.5 V
1.13
0.450 @ VGS = 1.8 V
1.00
0.490 @ VGS = -4.5 V
-1.00
P-Channel
-20
0.750 @ VGS = -2.5 V
-0.81
1.10 @ VGS = -1.8 V
-0.67
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
Marking Code
EB
XX
Lot Traceability
and Date Code
Part # Code
P-Channel
D1
S1
G1
N-Channel
D2
S2
G2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
5 secs
Steady State
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
-20
Gate-Source Voltage
VGS
"8
"8
V
_
TA = 25_C
1.28
1.13
- 1.00
-0.88
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
0.92
0.81
-0.72
-0.63
Pulsed Drain Current
IDM
4.0
-3.0
A
Continuous Source Current (Diode Conduction)a
IS
0.61
0.48
-0.61
-0.48
TA = 25_C
0.74
0.57
0.30
0.57
Maximum Power Dissipationa
TA = 85_C
PD
0.38
0.30
0.16
0.3
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
130
170
Maximum Junction-to-Ambienta
Steady State
RthJA
170
220
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Número de pieza similar - SI1563DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH VISHAY-SI1563DH Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH-T1 VISHAY-SI1563DH-T1 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results

Descripción similar - SI1563DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH_10 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com