Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1972DH-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1972DH-T1-E3
Descripción Electrónicos  Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1972DH-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1972DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1972DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1972DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1972DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1972DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1972DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1972DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 74398
S-62442-Rev. A, 27-Nov-06
Vishay Siliconix
Si1972DH
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
23.5
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
2.8
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
ns
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = 10 V
4
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 1.3 A
0.155
0.225
Ω
VGS = 4.5 V, ID = 0.29 A
0.278
0.340
Forward Transconductancea
gfs
VDS = 15 V, ID = 1.3 A
1.4
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
75
pF
Output Capacitance
Coss
18
Reverse Transfer Capacitance
Crss
6
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 1.3 A
1.85
2.8
nC
VDS = 15 V, VGS = 4.5 V, ID = 1.3 A
0.91
1.4
Gate-Source Charge
Qgs
0.51
Gate-Drain Charge
Qgd
0.3
Gate Resistance
Rg
f = 1 MHz
4.5
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 12.5 Ω
ID ≅ 1.2 A, VGEN = 4.5 V, Rg = 1 Ω
15
25
ns
Rise Time
tr
50
75
Turn-Off Delay Time
td(off)
715
Fall Time
tf
15
25
Turn-on Delay Time
td(on)
VDD = 15 V, RL = 12.5 Ω
ID ≅ 1.2 A, VGEN = 10 V, Rg = 1 Ω
510
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
10
15
Fall Time
tr
612
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
1
A
Pulse Diode Forward Current
ISM
4
Body Diode Voltage
VSD
IS = 1.2 A, VGS = 0 V
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.2 A, di/dt = 100 A/µs, TJ = 25 °C
20
40
ns
Body Diode Reverse Recovery Charge
Qrr
18
36
nC
Reverse Recovery Fall Time
ta
16
ns
Reverse Recovery Rise Time
tb
4


Número de pieza similar - SI1972DH-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1972DH VISHAY-SI1972DH Datasheet
208Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 05-Mar-07
SI1972DH VISHAY-SI1972DH Datasheet
120Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 29-Mar-10
SI1972DH VISHAY-SI1972DH Datasheet
121Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1972DH VISHAY-SI1972DH_07 Datasheet
208Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 05-Mar-07
SI1972DH VISHAY-SI1972DH_10 Datasheet
120Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 29-Mar-10
More results

Descripción similar - SI1972DH-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com