Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3441BDV Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI3441BDV
Descripción Electrónicos  P-Channel 2.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3441BDV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3441BDV_08 Datasheet HTML 1Page - Vishay Siliconix SI3441BDV_08 Datasheet HTML 2Page - Vishay Siliconix SI3441BDV_08 Datasheet HTML 3Page - Vishay Siliconix SI3441BDV_08 Datasheet HTML 4Page - Vishay Siliconix SI3441BDV_08 Datasheet HTML 5Page - Vishay Siliconix SI3441BDV_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si3441BDV
Vishay Siliconix
Document Number: 72028
S-40424—Rev. C, 15-Mar-04
www.vishay.com
1
P-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−20
0.090 @ VGS = −4.5 V
−2.9
−20
0.130 @ VGS = −2.5 V
−2.45
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3441BDV-T1
Si3441BDV-T1—E3 (Lead Free)
Marking Code:
B1xxx
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−2.9
−2.45
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−2.35
−1.95
A
Pulsed Drain Current
IDM
−16
A
Continuous Diode Current (Diode Conduction)a
IS
−1.0
−0.72
Maximum Power Dissipationa
TA = 25_C
PD
1.25
0.86
W
Maximum Power Dissipationa
TA = 70_C
PD
0.8
0.55
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
80
100
Maximum Junction-to-Ambienta
Steady State
RthJA
120
145
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
70
85
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
For SPICE model information via the Worldwide Web: http://www. vishay.com/www/product/spice.htm.


Número de pieza similar - SI3441BDV_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI3441BDV-T1-E3 VBSEMI-SI3441BDV-T1-E3 Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
SI3441BDV-T1-GE3 VBSEMI-SI3441BDV-T1-GE3 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - SI3441BDV_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com