Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4340CDY Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI4340CDY
Descripción Electrónicos  Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4340CDY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4340CDY Datasheet HTML 1Page - Vishay Siliconix SI4340CDY Datasheet HTML 2Page - Vishay Siliconix SI4340CDY Datasheet HTML 3Page - Vishay Siliconix SI4340CDY Datasheet HTML 4Page - Vishay Siliconix SI4340CDY Datasheet HTML 5Page - Vishay Siliconix SI4340CDY Datasheet HTML 6Page - Vishay Siliconix SI4340CDY Datasheet HTML 7Page - Vishay Siliconix SI4340CDY Datasheet HTML 8Page - Vishay Siliconix SI4340CDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 68398
S-81547-Rev. B, 07-Jul-08
Vishay Siliconix
Si4340CDY
New Product
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS =10thru 4 V
VGS =3 V
VGS =2 V
0.005
0.007
0.009
0.011
0.013
0.015
010
20
30
40
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
5
10
15
20
25
ID =11.5A
Qg - Total Gate Charge (nC)
VDS =16 V
VDS =10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
0
300
600
900
1200
1500
0
5
10
15
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =10 V,4.5 V
ID =11.5A


Número de pieza similar - SI4340CDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4340CDY VISHAY-SI4340CDY Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Descripción similar - SI4340CDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY Datasheet
102Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 15-Sep-03
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com