Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5509DC Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza SI5509DC
Descripción Electrónicos  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5509DC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI5509DC_08 Datasheet HTML 4Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 5Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 6Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 7Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 8Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 9Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 10Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 11Page - Vishay Siliconix SI5509DC_08 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Si5509DC
Vishay Siliconix
New Product
Document Number: 73629
S–60417—Rev. A, 20-Mar-06
www.vishay.com
9
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
PCHANNEL
ID = 3.9 A
0.0
0.1
0.2
0.3
12345
On-Resistance vs. Gate-to-Source Voltage
VGS – Gate-to-Source Voltage (V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ – Temperature (_C)
TA = 25 _C
TA = 125 _C
Safe Operating Area, Junction-to-Case
100
1
0.1
1
10
100
0.01
10
0.1
Limited by rDS(on)
TA = 25 _C
Single Pulse
10 ms
100 ms
dc
1 s
10 s
VDS – Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified
0.001
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
0.0
0.4
0.8
1.2
0.00
0.01
0.10
1.00
10.00
100.00
TA = 25 _C
TA = 125 _C
0
30
50
10
20
Single Pulse Power
Time (sec)
40
1
100
600
10
10–1
10–2
10–4
10–3


Número de pieza similar - SI5509DC_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5509DC VISHAY-SI5509DC_V01 Datasheet
161Kb / 12P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI5509DC_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com