Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1100C04C Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SD1100C04C
Descripción Electrónicos  Standard Recovery Diodes (Hockey PUK Version), 1400 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1100C04C Datasheet(HTML) 3 Page - Vishay Siliconix

  SD1100C04C Datasheet HTML 1Page - Vishay Siliconix SD1100C04C Datasheet HTML 2Page - Vishay Siliconix SD1100C04C Datasheet HTML 3Page - Vishay Siliconix SD1100C04C Datasheet HTML 4Page - Vishay Siliconix SD1100C04C Datasheet HTML 5Page - Vishay Siliconix SD1100C04C Datasheet HTML 6Page - Vishay Siliconix SD1100C04C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93535
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD1100C..C Series
Standard Recovery Diodes
(Hockey PUK Version),
1400 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
40
60
80
100
120
140
160
180
0
2 00
40 0
60 0
80 0
10 0 0
30°
60°
90°
120°
180 °
Average Forwar d Curr en t (A)
Co nd uct io n A ng le
(Single Side Cooled)
R
(DC) = 0.0 76 K/W
th J- hs
SD 110 0C..C Series (400 V to 20 00V )
20
40
60
80
100
120
140
160
180
04 0 0
8 0 0
1 2 0 0
1 6 0 0
30 °
60 °
90 °
18 0 °
DC
12 0 °
Co nd uc tio n Pe rio d
( S in gle Sid e C o o le d )
R
( D C ) = 0 .0 7 6 K /W
thJ -hs
A v e rag e Fo rw ard C u rre n t ( A )
S D 1100 C ..C S e ries ( 4 00 V t o 2000 V )
20
40
60
80
100
120
140
160
180
04 0 0
8 0 0
1 2 0 0
1 6 0 0
2 0 0 0
30 °
60°
90°
120 °
180 °
A v e rag e Fo rw ard C u rr e n t ( A )
Co nd uc tio n A ng le
(D ou b le S id e C o o led )
R
( D C ) = 0 .0 3 8 K /W
th J -hs
S D 110 0 C ..C Se rie s ( 400V t o 2000V )
0
20
40
60
80
100
120
140
160
180
0
5 00
1 0 00
1500
2 00 0
2 50 0
3 00 0
30 °
60 °
90°
180 °
DC
12 0 °
A v e rag e Fo rw ar d C u rre n t ( A )
Co nd uc tio n Pe rio d
( D oub le Sid e C o oled )
R
( D C ) = 0 .0 3 8 K/ W
th J- hs
S D 1 1 00C ..C S e ries ( 400V t o 2000V )
40
50
60
70
80
90
100
110
120
130
140
150
0
2 00
400
6 00
800
30°
60 °
90°
120°
18 0°
Average Forward Current ( A)
Co nd uct io n An g le
SD 1100 C..C Series (250 0V to 32 00V )
(Single Side Cooled)
R
(DC) = 0.07 6 K/W
thJ - hs
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
2 00
40 0
6 00
80 0 1000 1 200 1 40 0
30°
60 °
90°
180°
DC
120°
Av erage Forward Curr en t (A)
Co nd uct io n Pe rio d
SD1100 C..C Ser ies (25 00V to 32 00V)
(Single Side Cooled)
R
(DC) = 0.076 K/W
th J -hs


Número de pieza similar - SD1100C04C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD1100C04C IRF-SD1100C04C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
SD1100C04C VISHAY-SD1100C04C_12 Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

Descripción similar - SD1100C04C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-Jan-14
SD1100C04C VISHAY-SD1100C04C_12 Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
VS-SD1100CC VISHAY-VS-SD1100CC_V01 Datasheet
193Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com