Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMZJ3793A Datasheet(PDF) 3 Page - Vishay Siliconix |
|
SMZJ3793A Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page SMZJ3788 thru SMZJ3809B Vishay General Semiconductor Document Number: 88402 Revision: 22-Oct-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) PACKAGE OUTLINE DIMENSIONS in inches (millimeters) Figure 1. Maximum Continuous Power Dissipation Figure 2. Typical Zener Impedance 0 2.0 1.5 1.0 25 50 75 100 125 150 175 0.5 60 Hz Resistive or Inductive Load TL - Lead Temperature (°C) P.C.B. Mounted on 0.31 x 0.31 x 0.08" (8 x 8 x 2 mm) Copper Pad Areas 0 100 10 1000 1 100 500 10 0.5 V Z = 62 V V Z = 22 V V Z = 10 V T J = 25 °C I Z(rms) = 0.1 IZ(DC) IZ - Zener Test Current (mA) Figure 3. Typical Zener Impedance Figure 4. Typical Temperature Coefficients 2 100 200 10 100 10 I Z = 1 mA I Z = 10 mA I Z = 20 mA I Z(rms) = 0.1 IZ(DC) VZ - Zener Voltage (V) 100 10 100 10 Tested at Rated I ZT VZ - Zener Voltage (V) Mounting Pad Layout 0.085 (2.159) MAX. 0.086 (2.18) MIN. 0.060 (1.52) MIN. 0.220 REF. DO-214AA (SMB) Cathode Band 0.155 (3.94) 0.130 (3.30) 0.012 (0.305) 0.006 (0.152) 0.008 (0.2) 0 (0) 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) 0.030 (0.76) 0.096 (2.44) 0.084 (2.13) 0.180 (4.57) 0.160 (4.06) 0.086 (2.20) 0.077 (1.95) |
Número de pieza similar - SMZJ3793A |
|
Descripción similar - SMZJ3793A |