Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ100A Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SMBJ100A
Descripción Electrónicos  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ100A Datasheet(HTML) 5 Page - Vishay Siliconix

  SMBJ100A Datasheet HTML 1Page - Vishay Siliconix SMBJ100A Datasheet HTML 2Page - Vishay Siliconix SMBJ100A Datasheet HTML 3Page - Vishay Siliconix SMBJ100A Datasheet HTML 4Page - Vishay Siliconix SMBJ100A Datasheet HTML 5Page - Vishay Siliconix SMBJ100A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMBJ5.0 thru SMBJ188CA
Vishay General Semiconductor
Document Number: 88392
Revision: 04-Sep-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
100
1.0
10
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Peak Forward Surge Current
10
200
100
100
10
1
8.3 ms Single Half Sine-Wave
Uni-Directional Only
Number of Cycles at 60 Hz
DO-214AA (SMB-J-Bend)
Mounting Pad Layout
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.205 (5.21)
0.220 (5.59)
0 (0)
0.008 (0.2)
0.130 (3.30)
0.155 (3.94)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
Cathode Band
0.085 (2.159)
MAX.
0.220 REF.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.


Número de pieza similar - SMBJ100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ100A VISHAY-SMBJ100A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Micro Commercial Compon...
SMBJ100A MCC-SMBJ100A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Weitron Technology
SMBJ100A WEITRON-SMBJ100A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Descripción similar - SMBJ100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com