Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS20L15G Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza STPS20L15G
Descripción Electrónicos  Schottky Rectifier, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STPS20L15G Datasheet(HTML) 5 Page - Vishay Siliconix

  STPS20L15G Datasheet HTML 1Page - Vishay Siliconix STPS20L15G Datasheet HTML 2Page - Vishay Siliconix STPS20L15G Datasheet HTML 3Page - Vishay Siliconix STPS20L15G Datasheet HTML 4Page - Vishay Siliconix STPS20L15G Datasheet HTML 5Page - Vishay Siliconix STPS20L15G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94326
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 15-Aug-08
5
STPS20L15GPbF
Schottky Rectifier, 20 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Essential part number
2
-
Current rating (20 = 20 A)
3
-
Low voltage
4
-
Voltage rating (15 = 15 V)
5
-
G = D2PAK package
6
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
7
-
None = Standard production
PbF = Lead (Pb)-free (for D2PAK tube)
P = Lead (Pb)-free (for D2PAK TRR and TRL)
Device code
5
13
24
67
STPS 20
L
15
G
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95046
Part marking information
http://www.vishay.com/doc?95054
Packaging information
http://www.vishay.com/doc?95032


Número de pieza similar - STPS20L15G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS20L15G STMICROELECTRONICS-STPS20L15G Datasheet
93Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
logo
International Rectifier
STPS20L15G IRF-STPS20L15G Datasheet
276Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS20L15G VISHAY-STPS20L15G Datasheet
110Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
logo
STMicroelectronics
STPS20L15G STMICROELECTRONICS-STPS20L15G Datasheet
92Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
STPS20L15G-TR STMICROELECTRONICS-STPS20L15G-TR Datasheet
93Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
More results

Descripción similar - STPS20L15G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
STPS20L15GPBF VISHAY-STPS20L15GPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 20 A
Revision: 16-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com