Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS4448-GS18 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza LS4448-GS18
Descripción Electrónicos  Small Signal Fast Switching Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS4448-GS18 Datasheet(HTML) 1 Page - Vishay Siliconix

  LS4448-GS18 Datasheet HTML 1Page - Vishay Siliconix LS4448-GS18 Datasheet HTML 2Page - Vishay Siliconix LS4448-GS18 Datasheet HTML 3Page - Vishay Siliconix LS4448-GS18 Datasheet HTML 4Page - Vishay Siliconix LS4448-GS18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LS4148/LS4448
Document Number 85561
Rev. 1.8, 04-May-07
Vishay Semiconductors
www.vishay.com
1
9612009
Small Signal Fast Switching Diodes
Features
• Silicon Epitaxial Planar Diodes
• Electrical data identical with the devices
1N4148 and 1N4448 respectively
• Quadro Melf package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Extremely fast switches
Mechanical Data
Case: QuadroMELF Glass case (SOD80)
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Type Marking
Remarks
LS4148
VF = max. 1000 mV at IF = 50 mA
LS4148-GS18 or LS4148-GS08
-
Tape and Reel
LS4448
VF = max. 1000 mV at IF = 100 mA
LS4448-GS18 or LS4448-GS08
-
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Repetitive peak forward current
IFRM
500
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
Ptot
500
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
on PC board
50 mm x 50 mm x 1.6mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e2


Número de pieza similar - LS4448-GS18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
221Kb / 4P
   500mW High Speed SMD Switching Diode
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
   Surface Mount Small Signal Diodes
LS4448 DIOTEC-LS4448 Datasheet
143Kb / 2P
   Small Signal SMD Switching Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results

Descripción similar - LS4448-GS18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 01-Sep-10
1N4150 VISHAY-1N4150_07 Datasheet
113Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.7, 16-Feb-07
MCL4148 VISHAY-MCL4148_06 Datasheet
134Kb / 6P
   Small Signal Fast Switching Diodes
Rev. 1.9, 07-Mar-06
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.3, 29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
   Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com