Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TP3D686 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
TP3D686 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 12 page TP3 Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance Vishay Sprague Document Number: 40116 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 04-Jun-08 57 10 VDC AT + 85 °C, 7 VDC AT + 125 °C 10 A TP3A106(1)010(2)3400AS 1.0 6 3.400 0.15 10 A TP3A106(1)010(2)2000AS 1.0 6 2.000 0.19 10 B TP3B106(1)010(2)2500AS 1.0 6 2.500 0.18 10 C TP3C106(1)010(2)1800AS 1.0 6 1.800 0.25 10 C TP3C106(1)010(2)0550AS 1.0 6 0.550 0.45 15 A TP3A156(1)010(2)2900AS 1.5 6 2.900 0.16 15 A TP3A156(1)010(2)2000AS 1.5 6 2.000 0.19 15 B TP3B156(1)010(2)2000AS 1.5 6 2.000 0.21 15 B TP3B156(1)010(2)0700AS 1.5 6 0.700 0.35 15 C TP3C156(1)010(2)1800AS 1.5 6 1.800 0.25 15 C TP3C156(1)010(2)0500AS 1.5 6 0.500 0.47 22 A TP3A226(1)010(2)2500AS 2.2 8 2.500 0.17 22 A TP3A226(1)010(2)1500AS 2.2 8 1.500 0.22 22 B TP3B226(1)010(2)1900AS 2.2 6 1.900 0.21 22 B TP3B226(1)010(2)0700AS 2.2 6 0.700 0.35 22 C TP3C226(1)010(2)1500AS 2.2 6 1.500 0.27 22 C TP3C226(1)010(2)0345AS 2.2 6 0.345 0.56 33 B TP3B336(1)010(2)1900AS 3.3 6 1.900 0.21 33 B TP3B336(1)010(2)1500AS 3.3 6 1.500 0.24 33 B TP3B336(1)010(2)0600AS 3.3 6 0.600 0.38 33 C TP3C336(1)010(2)1400AS 3.3 6 1.400 0.28 33 C TP3C336(1)010(2)0300AS 3.3 6 0.300 0.61 33 D TP3D336(1)010(2)0800AS 3.3 6 0.800 0.43 33 D TP3D336(1)010(2)0250AS 3.3 6 0.250 0.77 47 B TP3B476(1)010(2)1800AS 4.7 6 1.800 0.22 47 B TP3B476(1)010(2)0600AS 4.7 6 0.600 0.38 47 C TP3C476(1)010(2)1100AS 4.7 6 1.100 0.32 47 C TP3C476(1)010(2)0300AS 4.7 6 0.300 0.61 47 D TP3D476(1)010(2)0700AS 4.7 6 0.700 0.46 47 D TP3D476(1)010(2)0200AS 4.7 6 0.200 0.87 68 C TP3C686(1)010(2)1000AS 6.8 6 1.000 0.33 68 C TP3C686(1)010(2)0275AS 6.8 6 0.275 0.63 68 D TP3D686(1)010(2)0700AS 6.8 6 0.700 0.46 68 D TP3D686(1)010(2)0150AS 6.8 6 0.150 1.00 100 C TP3C107(1)010(2)0900AS 10.0 8 0.900 0.35 100 C TP3C107(1)010(2)0200AS 10.0 8 0.200 0.74 100 D TP3D107(1)010(2)0600AS 10.0 8 0.600 0.50 100 D TP3D107(1)010(2)0100AS 10.0 8 0.100 1.22 150 D TP3D157(1)010(2)0600AS 15.0 8 0.600 0.50 150 D TP3D157(1)010(2)0100AS 15.0 8 0.100 1.22 150 E TP3E157(1)010(2)0500AS 15.0 8 0.500 0.57 150 E TP3E157(1)010(2)0100AS 15.0 8 0.100 1.28 220 D TP3D227(1)010(2)0600AS 22.0 8 0.600 0.50 220 D TP3D227(1)010(2)0125AS 22.0 8 0.125 1.10 220 E TP3E227(1)010(2)0500AS 22.0 8 0.500 0.57 220 E TP3E227(1)010(2)0100AS 22.0 8 0.100 1.28 330 E TP3E337(1)010(2)0500AS 33.0 10 0.500 0.57 Notes • (1) Capacitance Tolerance Codes: K, M • (2) Terminations and Packaging Codes: C, D, E, F RATINGS AND PART NUMBER REFERENCE CAPACITANCE (µF) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 °C (µA) MAX. DF AT + 25 °C (%) MAX. ESR AT + 25 °C 100 kHz ( Ω) MAX. RIPPLE 100 kHz Irms (A) |
Número de pieza similar - TP3D686 |
|
Descripción similar - TP3D686 |