Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST083SPBF Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza ST083SPBF
Descripción Electrónicos  Inverter Grade Thyristors (Stud Version), 85 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST083SPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST083SPBF Datasheet HTML 1Page - Vishay Siliconix ST083SPBF Datasheet HTML 2Page - Vishay Siliconix ST083SPBF Datasheet HTML 3Page - Vishay Siliconix ST083SPBF Datasheet HTML 4Page - Vishay Siliconix ST083SPBF Datasheet HTML 5Page - Vishay Siliconix ST083SPBF Datasheet HTML 6Page - Vishay Siliconix ST083SPBF Datasheet HTML 7Page - Vishay Siliconix ST083SPBF Datasheet HTML 8Page - Vishay Siliconix ST083SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94334
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Jul-08
5
ST083SPbF Series
Inverter Grade Thyristors
(Stud Version), 85 A
Vishay High Power Products
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
0
50
20
40
60
80
100
120
140
0
100
150
200
250
DC
180°
120°
90°
60°
30°
RMS limit
Conduction period
ST083S Series
T
J = 125 °C
Average On-State Current (A)
Ø
0
50
100
150
200
250
0.2
K/W
R
th
SA =
0.
1 K/W
- Δ
R
0.3
K/W
0.4
K/W
0.5
K/W
0.8 K/W
1.2 K/W
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
1000
1
10
100
1200
1400
1600
1800
2000
2200
Number of Equal Amplitude Half Cycle
Current Pulses (N)
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
ST083S Series
At any rated load condition and with
rated V
RRM applied following surge
1000
0.01
0.1
1
1200
1400
1600
1800
2000
2200
2400
2600
Pulse Train Duration (s)
ST083S Series
Maximum non repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
100
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
1000
10 000
T
J = 25 °C
T
J = 125 °C
Instantaneous On-State Voltage (V)
ST083S Series
0.01
0.01
0.1
1
10
0.001
0.1
1
Square Wave Pulse Duration (s)
ST083S Series
Steady state value
R
thJC = 0.195 K/W
(DC operation)


Número de pieza similar - ST083SPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
logo
International Rectifier
ST083S04PFK0 IRF-ST083S04PFK0 Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
ST083S04PFK1 IRF-ST083S04PFK1 Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
More results

Descripción similar - ST083SPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
VS-ST083SP VISHAY-VS-ST083SP_V01 Datasheet
199Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com