Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST173S12PFK0LPBF Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza ST173S12PFK0LPBF
Descripción Electrónicos  Inverter Grade Thyristors (Stud Version), 175 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173S12PFK0LPBF Datasheet(HTML) 9 Page - Vishay Siliconix

  ST173S12PFK0LPBF Datasheet HTML 1Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 2Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 3Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 4Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 5Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 6Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 7Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 8Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Número de pieza similar - ST173S12PFK0LPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Descripción similar - ST173S12PFK0LPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-ST173S VISHAY-VS-ST173S Datasheet
1Mb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
Revision: 11-Mar-14
VS-ST173S VISHAY-VS-ST173S_V01 Datasheet
204Kb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com