Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST183C08CHK1P Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza ST183C08CHK1P
Descripción Electrónicos  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183C08CHK1P Datasheet(HTML) 7 Page - Vishay Siliconix

  ST183C08CHK1P Datasheet HTML 1Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 2Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 3Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 4Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 5Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 6Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 7Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 8Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94368
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
7
ST183CPbF Series
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Vishay High Power Products
Fig. 15 - Frequency Characteristics
Fig. 16 - Maximum On-State Energy Power Loss Characteristics
Fig. 17 - Gate Characteristics
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
3000
ST183C..C Series
Trapezoidal pulse
T
C = 40 °C
dI/dt = 100 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10 000
2500
1500
1000 500
400 200 100
50 Hz
5000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
3000
ST183C..C Series
Trapezoidal pulse
T
C = 55 °C
dI/dt = 100 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10 000
5000
2500
1500
1000
500
400 200
100
50 Hz
Pulse Basewidth (µs)
20 joules per pulse
0.5
0.3
0.2
10
100
1000
10 000
10
100
1000
10 000
t
p
ST183C..C Series
Sinusoidal pulse
0.1
2
100 000
1
4
10
Pulse Basewidth (µs)
10
100
1000
10 000
10
100
1000
10 000
100 000
0.1
0.2
0.5
2
1
4
10
20 joules per pulse
t
p
ST183C..C Series
Rectangular pulse
dI/dt = 50 A/µs
0.3
0.1
1
10
100
0.001
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
(b)
V
GD
I
GD
(1)
(2)
(3)
Device: ST183C..C Series
(4)
Frequency limited by P
G(AV)
(1) P
GM = 10 W, tp = 20 ms
(2) P
GM = 20 W, tp = 10 ms
(3) P
GM = 40 W, tp = 5 ms
(4) P
GM = 60 W, tp = 3.3 ms
Rectangular gate pulse
a) Recommended load line for
rated dI/dt: 20 V, 10
Ω; t
r ≤ 1 µs
b) Recommended load line for
≤ 30 % rated dI/dt: 10 V, 10 Ω
t
r ≤ 1 µs
(a)


Número de pieza similar - ST183C08CHK1P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
More results

Descripción similar - ST183C08CHK1P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST203CPBF VISHAY-ST203CPBF Datasheet
309Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com