Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST330SPBF Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza ST330SPBF
Descripción Electrónicos  Phase Control Thyristors (Stud Version), 330 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST330SPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  ST330SPBF Datasheet HTML 1Page - Vishay Siliconix ST330SPBF Datasheet HTML 2Page - Vishay Siliconix ST330SPBF Datasheet HTML 3Page - Vishay Siliconix ST330SPBF Datasheet HTML 4Page - Vishay Siliconix ST330SPBF Datasheet HTML 5Page - Vishay Siliconix ST330SPBF Datasheet HTML 6Page - Vishay Siliconix ST330SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94409
4
Revision: 11-Aug-08
ST330SPbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 330 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST330SSeries
R
(DC) = 0.10 K/ W
thJC
60
70
80
90
100
110
120
130
0
100
200
300
400
500
600
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST330SSeries
R
(DC) = 0.10 K/ W
thJC
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.2
K/ W
0.3
K/ W
0.4
K/ W
0.6 K/W
1.2 K/ W
0.1
2
K/
W
0
40
80
120
160
200
240
280
320
360
400
440
480
0
50
100
150
200
250
300
350
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average On-state Current (A)
ST330SSeries
T = 125°C
J
25
50
75
100
125
Maximum Allowable Ambient Temp erature (°C)
0.0
8
K/W
0.1
2 K
/ W
0.2
K/ W
0.3 K
/ W
0.4 K/
W
0.6 K/W
1.2 K/ W
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average On-state Current (A)
ST330SSeries
T = 125°C
J


Número de pieza similar - ST330SPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST330SPBF VISHAY-ST330SPBF_12 Datasheet
162Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 11-Aug-08
More results

Descripción similar - ST330SPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-ST330SPBF VISHAY-VS-ST330SPBF Datasheet
192Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 01-Mar-17
ST330SPBF VISHAY-ST330SPBF_12 Datasheet
162Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 11-Aug-08
VS-ST330SPBF VISHAY-VS-ST330SPBF_V01 Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com