Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST333C Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza ST333C
Descripción Electrónicos  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333C Datasheet(HTML) 8 Page - Vishay Siliconix

  ST333C Datasheet HTML 1Page - Vishay Siliconix ST333C Datasheet HTML 2Page - Vishay Siliconix ST333C Datasheet HTML 3Page - Vishay Siliconix ST333C Datasheet HTML 4Page - Vishay Siliconix ST333C Datasheet HTML 5Page - Vishay Siliconix ST333C Datasheet HTML 6Page - Vishay Siliconix ST333C Datasheet HTML 7Page - Vishay Siliconix ST333C Datasheet HTML 8Page - Vishay Siliconix ST333C Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93678
8
Revision: 15-May-08
ST333C..C Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 720 A
ORDERING INFORMATION TABLE
3 = Fast-on term.
(gate and aux. cathode soldered leads)
1
-
Thyristor
2
-
Essential part number
3
-
3 = Fast turn off
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
10
6
-
C = PUK case TO-200AB (E-PUK)
7
-
Reapplied dV/dt code (for tq test condition)
8
-tq code
9
-
0 = Eyelet term.
(gate and aux. cathode unsoldered leads)
1 = Fast-on term.
(gate and aux. cathode unsoldered leads)
2 = Eyelet term.
(gate and aux. cathode soldered leads)
-
Critical dV/dt:
None = 500 V/µs (standard value)
L = 1000 V/µs (special selection)
* Standard part number.
All other types available only on request.
tq (µs)
dV/dt - tq combinations available
dV/dt (V/µs) 20
50
100
200
400
10
CN
DN
EN
--
--
12
CM
DM
EM
FM*
--
15
CL
DL
EL
FL*
HL
18
CP
DP
EP
FP
HP
20
CK
DK
EK
FK
HK
25
--
--
--
FJ
HJ
30
--
--
--
--
HH
Device code
5
1
3
24
67
8
9
10
ST
33
3
C
08
C
H
K
1
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95075


Número de pieza similar - ST333C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0LP VISHAY-ST333C08CHK0LP Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
ST333C08CHK0P VISHAY-ST333C08CHK0P Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
ST333C08CHK1LP VISHAY-ST333C08CHK1LP Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
More results

Descripción similar - ST333C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com