Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST203C12CHH3P Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza ST203C12CHH3P
Descripción Electrónicos  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST203C12CHH3P Datasheet(HTML) 7 Page - Vishay Siliconix

  ST203C12CHH3P Datasheet HTML 1Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 2Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 3Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 4Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 5Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 6Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 7Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 8Page - Vishay Siliconix ST203C12CHH3P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94370
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
7
ST203CPbF Series
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Vishay High Power Products
Fig. 15 - Frequency Characteristics
Fig. 16 - Maximum On-State Energy Power Loss Characteristics
Fig. 17 - Gate Characteristics
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
10
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
ST203C..C Series
Trapezoidal pulse
T
C = 40 °C
dI/dt = 100 A/µs
t
p
50 Hz
100
500
400
1000
1500
2500
3000
5000
10 000
200
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
10
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
ST203C..C Series
Trapezoidal pulse
T
C = 55 °C
dI/dt = 100 A/µs
t
p
50 Hz
100
500
400
1000
1500
2500
3000
5000
10 000
200
Pulse Basewidth (µs)
10
100
1000
10 000
10
100
1000
10 000
100 000
t
p
ST203C..C Series
Sinusoidal pulse
0.1
0.2
0.5
2
4
1
10
20 joules per pulse
0.3
Pulse Basewidth (µs)
10
100
1000
10 000
10
100
1000
10 000
100 000
0.1
0.2
0.5
2
3
1
5
10
20 joules per pulse
0.3
ST203C..C Series
Rectangular pulse
dI/dt = 50 A/µs
t
p
0.1
1
10
100
0.001
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
V
GD
I
GD
(1)
(b)
(2)
(3)
Device: ST203C..C Series
(4)
Frequency limited by P
G(AV)
(1) P
GM = 10 W, tp = 20 ms
(2) P
GM = 20 W, tp = 10 ms
(3) P
GM = 40 W, tp = 5 ms
(4) P
GM = 60 W, tp = 3.3 ms
Rectangular gate pulse
a) Recommended load line for
rated dI/dt: 20 V, 10
Ω; t
r ≤ 1 µs
b) Recommended load line for
≤ 30 % rated dI/dt: 10 V, 10 Ω
t
r ≤ 1 µs
(a)


Número de pieza similar - ST203C12CHH3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results

Descripción similar - ST203C12CHH3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST183CPBF VISHAY-ST183CPBF Datasheet
151Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com