Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA7088A Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza TEA7088A
Descripción Electrónicos  LOW-RANGE PHONE DEDICATED CHIP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7088A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TEA7088A Datasheet HTML 7Page - STMicroelectronics TEA7088A Datasheet HTML 8Page - STMicroelectronics TEA7088A Datasheet HTML 9Page - STMicroelectronics TEA7088A Datasheet HTML 10Page - STMicroelectronics TEA7088A Datasheet HTML 11Page - STMicroelectronics TEA7088A Datasheet HTML 12Page - STMicroelectronics TEA7088A Datasheet HTML 13Page - STMicroelectronics TEA7088A Datasheet HTML 14Page - STMicroelectronics TEA7088A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Codes
Keyboard
Remarks
a5
a4
a3
a2
a1
a0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
”2”
”1”
”A”
”3”
”8”
”7”
”C”
”9”
”5”
”4”
”B”
”6”
”0”
”*”
”D”
”#”
1336Hz + 697Hz
1209Hz + 697Hz
1633Hz + 697Hz
1477Hz + 697Hz
1336Hz + 852Hz
1209Hz + 852Hz
1633Hz + 852Hz
1477Hz + 852Hz
1336Hz + 770Hz
1209Hz + 770Hz
1633Hz + 770Hz
1477Hz + 770Hz
1336Hz + 941Hz
1209Hz + 941Hz
1633Hz + 941Hz
1477Hz + 941Hz
In DTMF
Dialing
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
822Hz Ring Signal
744Hz Ring Signal
1005Hz Ring Signal
909Hz Ring Signal
1187Hz Ring Signal
1074Hz Ring Signal
1451Hz Ring Signal
1312Hz Ring Signal
In Ring
Mode
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
Speech Mode
Dialing Mode or Ring Start
Earphone & Microphone Mute
Microphone Mute
01010
1
Mask/No Mask
01011
0
”+6dB”
Normal/+6dB on Receive Channel
01011
1
Reset Pin Control
11101
0
Initialization Code
01010
0
AGC / No AGC
10100
0
1.79MHz Ext Clock & Oscillator Stand by /
3.58MHz Ceramic (toggle)
01110
0
Minimum Ring Level (level 1)
01110
1
Intermediate Low Ring Level (level 2)
01111
0
Intermediate High Ring Level (level 3)
01111
1
Maximum Ring Level (level 4)
MICROCONTROLLER INTERFACE WITH TEA7088A (continued)
TEA7088A
11/17


Número de pieza similar - TEA7088A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA7089 STMICROELECTRONICS-TEA7089 Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
TEA7089AFP STMICROELECTRONICS-TEA7089AFP Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
More results

Descripción similar - TEA7088A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
logo
Broadcom Corporation.
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
   LOW-COST IP PHONE CHIP
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
   ENTERPRISE IP PHONE CHIP
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
   High-power LED dedicated driver chip
logo
Littelfuse
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
   Dedicated - Recycle
Rev: 1-A-061016
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
   Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com