Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA7089 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza TEA7089
Descripción Electrónicos  LOW-RANGE PHONE DEDICATED CHIP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TEA7089 Datasheet HTML 3Page - STMicroelectronics TEA7089 Datasheet HTML 4Page - STMicroelectronics TEA7089 Datasheet HTML 5Page - STMicroelectronics TEA7089 Datasheet HTML 6Page - STMicroelectronics TEA7089 Datasheet HTML 7Page - STMicroelectronics TEA7089 Datasheet HTML 8Page - STMicroelectronics TEA7089 Datasheet HTML 9Page - STMicroelectronics TEA7089 Datasheet HTML 10Page - STMicroelectronics TEA7089 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ELECTRICAL SPECIFICATIONS (continued)
DTMF Generator (Tamb =25
°C; RL = 660Ω)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Amf
Tone Frequency Accuracy
Test 6 Pin Osc
fclock = 1.79MHz oscillator off
or
Resonator : 3.58MHz oscillator on
C13 =100nF, IL = 22mA
- 0.4
0.4
%
Llf
Lhf
Low Freq. Group Line Level
High Freq. Group Line Level
-10
-8
-8.5
-6.5
-7
-5
dBm
dBm
Pmf
Preemphasis HF/LF
+1
+2
+3
dB
tDON
tDOFF
Rise Time
Decay Time
5
5
ms
ms
Cmf
DTMF Confidence Tone :
Earphone level (low freq.)
Earphone level (high freq.)
13
17
17
22
21
27
mV
mV
- Unwanted Harmonics Level
(see Figure 6)
––––
100
1k
10k
100k
1M
-90
-70
-50
-30
(Hz)
Figure 6 : Unwanted Harmonics Level in DTMF
V
REF I
I
S tart-u p
I
S pe ech
V
L
I (In Ring)
18
V
RING
26
V
RMC (3 .4 V)
13
C15
10 F
P
+LCD
C10
47 F
5.6 V
V
MC
Ba tte ry
kIL
Figure 7 : Microcontroller Interface
TEA7089A
7/17


Número de pieza similar - TEA7089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
TEA7088AFP STMICROELECTRONICS-TEA7088AFP Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
More results

Descripción similar - TEA7089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
   LOW-RANGE PHONE DEDICATED CHIP
January 1998
logo
Broadcom Corporation.
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
   LOW-COST IP PHONE CHIP
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
   ENTERPRISE IP PHONE CHIP
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
   High-power LED dedicated driver chip
logo
Littelfuse
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-062116
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
   Dedicated - Recycle
Rev: 1-A-061016
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
ESDR LITTELFUSE-ESDR Datasheet
541Kb / 3P
   Dedicated - Recycle
2016 Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com