Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TEA7540 Datasheet(PDF) 9 Page - STMicroelectronics |
|
TEA7540 Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 12 page Figure 7: Test Configuration V + =3V pin 7 is forced to transmit mode pin 11 is forced to minimum gain Figure 8: Test Configuration V + =3V pin 7 is forced to transmit mode pin 11 is forced to minimum gain Figure 9: Test Configuration V + =3V pin 7 is forced to receive mode pin 11 and pin 17 are forced to maximum gain Input signal on pin 4 VATTE = 200mVpp ATE2 = 20log (VOUTE / VATTE) with Rpin24 = 11K Ω Figure 10: Test Configuration V + =3V pin 7 is forced to transmit mode Input signal on pin 4 VATTE = 200mVpp ATE = 20log(VOUTE / VATTE) TEA7540 9/12 |
Número de pieza similar - TEA7540 |
|
Descripción similar - TEA7540 |