Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDR04BP1R8BDWP Datasheet(PDF) 10 Page - Vishay Siliconix

No. de pieza CDR04BP1R8BDWP
Descripción Electrónicos  Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR04BP1R8BDWP Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button CDR04BP1R8BDWP Datasheet HTML 3Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 4Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 5Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 6Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 7Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 8Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 9Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 10Page - Vishay Siliconix CDR04BP1R8BDWP Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CDR-MIL-PRF-55681
Surface Mount Multilayer Ceramic Chip Capacitors
Qualified, Type CDR
Vishay Vitramon
Document Number: 45026
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
137
Notes:
(1) Vishay Vitramon uses embossed plastic carrier tape and punched paper carrier tape
(2) Paper tape is not available for case sizes > 1206 or for component thickness > 0.035" [0.89 mm]
(3) DC Voltage rating should not be exceeded in application
MIL-C-55681 QUALIFIED, TYPE CDR
MILITARY TYPE
DESIGNATION
CAPACITANCE
CODE
CAPACITANCE
(pF)
CAPACITANCE
TOLERANCE
RATED TEMP. AND
VOLTAGE TEMP. LIMITS
VOLTAGE
(DC)
CDR35BX
CDR35BX563B_ _ _
563
56 000
K, M
BX
100
CDR35BX683B_ _ _
683
68 000
K, M
BX
100
CDR35BX823B_ _ _
823
82 000
K, M
BX
100
CDR35BX104B_ _ _
104
100 000
K, M
BX
100
CDR35BX124B_ _ _
124
120 000
K, M
BX
100
CDR35BX154B_ _ _
154
150 000
K, M
BX
100
CDR35BX184A_ _ _
184
180 000
K, M
BX
50
CDR35BX224A_ _ _
224
220 000
K, M
BX
50
CDR35BX274A_ _ _
274
270 000
K, M
BX
50
CDR35BX334A_ _ _
334
330 000
K, M
BX
50
CDR35BX394A_ _ _
394
390 000
K, M
BX
50
CDR35BX474A_ _ _
474
470 000
K, M
BX
50
TAPE AND REEL QUANTITIES (1) (2) (3)
7" REEL
QUANTITIES
11 1/4" AND 13" REEL
QUANTITIES
BULK
STYLES
BODY
SIZE
TAPE
SIZE
“C”
“T”
“J”
“P”
“R”
“B”
CDR01,
CDR31
0805
8 mm
3000
3000
1000
10 000
10 000
100
CDR32
1206
8 mm
N/a
3000
1000
N/a
10 000
100
CDR33
1210
8 mm
N/a
3000
1000
N/a
10 000
100
CDR02
1805
12 mm
N/a
3000
500
N/a
10 000
100
CDR03
1808
12 mm
N/a
3000
500
N/a
10 000
100
CDR04,
CDR34
1812
12 mm
N/a
1000
500
N/a
5000
100
CDR35
1825
12 mm
N/a
1000
500
N/a
5000
100
CDR06
2225
12 mm
N/a
1000
500
N/a
5000
100


Número de pieza similar - CDR04BP1R8BDWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CDR04BP102AFURAJ VISHAY-CDR04BP102AFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDR04BP102BFURAJ VISHAY-CDR04BP102BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
logo
AVX Corporation
CDR04BP122B AVX-CDR04BP122B Datasheet
44Kb / 2P
   Chips
CDR04BP122B AVX-CDR04BP122B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR04BP122BJW4 KEMET-CDR04BP122BJW4 Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
More results

Descripción similar - CDR04BP1R8BDWP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com