Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TZX9V1A Datasheet(PDF) 5 Page - Vishay Siliconix |
|
TZX9V1A Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 8 page TZX-Series Document Number 85614 Rev. 2.1, 27-Mar-07 Vishay Semiconductors www.vishay.com 5 Figure 3. Typical Change of Working Voltage under Operating Conditions at Tamb = 25 °C Figure 4. Typical Change of Working Voltage vs. Junction Temperature Figure 5. Temperature Coefficient of Vz vs. Z-Voltage 10 15 20 1 10 100 1000 V Z - Z-Voltage (V) 25 95 9598 T j = 25 °C I Z = 5 mA 0 5 - 60 60 120 180 0.8 0.9 1.0 1.1 1.2 1.3 T j - Junction Temperature (°C) 240 95 9599 0 V Ztn = VZt/VZ (25 °C) 0 TK VZ = 10 x 10 -4/K 8 x 10-4/K 2 x 10-4/K 6 x 10-4/K 4 x 10-4/K - 4 x 10-4/K - 2 x 10-4/K 30 - 5 0 5 10 15 V Z - Z-Voltage (V) 50 95 9600 40 I Z = 5 mA 10 20 0 Figure 6. Diode Capacitance vs. Z-Voltage Figure 7. Forward Current vs. Forward Voltage Figure 8. Z-Current vs. Z-Voltage 10 15 0 50 100 150 200 V Z - Z-Voltage (V) 25 95 9601 20 T j = 25 °C V R = 2 V 0 5 0 0.2 0.4 0.6 0.8 0.001 0.01 0.1 1 10 100 1.0 95 9605 V F - Forward Voltage (V) T j = 25 °C 8 20 95 9604 0 20 40 60 80 100 P tot = 500 mW T amb = 25 °C 04 6 12 V Z - Z-Voltage (V) |
Número de pieza similar - TZX9V1A |
|
Descripción similar - TZX9V1A |