Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDS7HYA17C10 Datasheet(PDF) 5 Page - Vectron International, Inc |
|
TDS7HYA17C10 Datasheet(HTML) 5 Page - Vectron International, Inc |
5 / 7 page Output Option AC HC TD Output ACMOS HCMOS 10 TTL Voh min. +4.5 Vdc +4.5 Vdc +2.4 Vdc Voh max. +0.5 Vdc +0.5 Vdc +0.5 Vdc Load (typical) 100 k ohm // 10 pF 100 k ohm // 10 pF 10 TTL Duty Cycle 50% ± 10% 50% ± 10% 50% ± 10% Rise and Fall 3 nS max. 5 nS max. 10 nS max. Output Option RG RC Output Sinewave Sinewave Level 0 dBm to +6 dBm +7.0 dBm to +13 dBm Load 50 ohm 50 ohm Harmonics / Sub -20 dBc max. -20 dBc max. Other Spurious -60 dBc max. -60 dBc max. R1 6k Vdd Standard TTL (TD) 2465B TEK TEK P6137 PROBE OUT DUT D1 D2 D3 D4 R2 C1 .01µF .01µF Vdd 270 Ω OUT Vdd .01µF CL 2465B TEK TEK P6137 PROBE DUT Standard CMOS (AC & HC) OUT Vdd .01µF 2465B TEK DUT 50 Ω 50 Ω COAX 50 Ohm Sinewave (RG & RC) Test Loads: Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON 5 SATCOM / "1 ppm Forever" TCXO RL |
Número de pieza similar - TDS7HYA17C10 |
|
Descripción similar - TDS7HYA17C10 |