Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDFHHR-25M125 Datasheet(PDF) 6 Page - Vectron International, Inc |
|
CDFHHR-25M125 Datasheet(HTML) 6 Page - Vectron International, Inc |
6 / 7 page C-TYPE Data Sheet Vectron International 267 Lowell Rd, Hudson NH 03051 Tel: 1-88-VECTRON-1 e-mail vectron@vectron.com Reliability The C-TYPE qualification tests have included: Table 5. Environnemental Compliance Parameter Conditions Mechanical Shock MIL-STD-883 Method 2022 Mechanical Vibration MIL-STD-883 Method 2007 Temperature Cycle MIL-STD-883 Method 1010 Solderability MIL-STD-883 Method 2003 Gross and Fine Leak MIL-STD-883 Method 1014 Resistance to Solvents MIL-STD-883 Method 2015 Moisture Sensitivity Level 1 Contact Pads Gold over Nickel Handling Precautions Although ESD protection circuitry has been designed into the the C-TYPE, proper precautions should be taken when handling and mounting. VI employs a Human Body Model and a Charged-Device Model (CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry wide standard has been adopted for the CDM, a standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and therefore can be used for comparison purposes. Table 6. ESD Ratings Model Minimum Conditions Human Body Model 1000 MIL-STD-883 Method 3115 Charged Device Model 1500 JESD 22-C101 Suggested IR profile Devices are built using lead free epoxy and can also be subjected to standard lead free IR reflow conditions, Table 9 shows max temperatures and lower temperatures can also be used e.g. peak temperature of 220C. Table 7. Reflow Profile Parameter Symbol Value Preheat Time t S 150 sec Min, 200 sec Max Ramp Up R UP 3 oC/sec Max Time Above 217 oC t L 60 sec Min, 150 sec Max Time To Peak Temperature t AMB-P 480 sec Max Time At 260 oC (max) t P 10 sec Max Time At 240 °C (max) tp2 60 sec Max Ramp Down R DN 6 oC/sec Max |
Número de pieza similar - CDFHHR-25M125 |
|
Descripción similar - CDFHHR-25M125 |