Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDFDCP-25M125 Datasheet(PDF) 4 Page - Vectron International, Inc |
|
CDFDCP-25M125 Datasheet(HTML) 4 Page - Vectron International, Inc |
4 / 7 page C-TYPE Data Sheet Vectron International 267 Lowell Rd, Hudson NH 03051 Tel: 1-88-VECTRON-1 e-mail vectron@vectron.com Enable/Disable Functional Description Under normal operation the Enable/Disable is left open or set to a logic high state. When the E/D is set to a logic low, the oscillator stops and the output is in a high impedance state. This helps reduce power consumption as well as facilitating board testing and troubleshooting. Tri-state Functional Description Under normal operation the tri-state is left open or set to a logic high state. When the tri-state is set to a logic low, the oscillator remains active but the output buffer is in a high impedance state. This helps facilitate board testing and troubleshooting. Table 3. Outline Diagrams, Pad Layout and Pin Out Pin # Symbol Function 1 E/D or NC Tri-state, Enable/Disable or NC 2 GND Electrical and Case Ground 3 fO Output Frequency 4 VDD Supply Voltage Contact Pads are gold over nickel Figure 9, Package drawing |
Número de pieza similar - CDFDCP-25M125 |
|
Descripción similar - CDFDCP-25M125 |