Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8366-EVALZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8366-EVALZ
Descripción Electrónicos  DC to 500 MHz, Dual Digital Gain Trim Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8366-EVALZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8366-EVALZ Datasheet HTML 5Page - Analog Devices AD8366-EVALZ Datasheet HTML 6Page - Analog Devices AD8366-EVALZ Datasheet HTML 7Page - Analog Devices AD8366-EVALZ Datasheet HTML 8Page - Analog Devices AD8366-EVALZ Datasheet HTML 9Page - Analog Devices AD8366-EVALZ Datasheet HTML 10Page - Analog Devices AD8366-EVALZ Datasheet HTML 11Page - Analog Devices AD8366-EVALZ Datasheet HTML 12Page - Analog Devices AD8366-EVALZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD8366
Preliminary Technical Data
Rev. PrC | Page 10 of 13
Table 4. Evaluation Board Configuration Options
Components
Function
Default Conditions
C1, C13 to C16, R3 to R6
Power Supply Decoupling. Nominal supply decoupling consists a
0.1μF capacitor to ground followed by 0.01 μF capacitors to ground
positioned as close to the device as possible.
C1 = 0.1μF (size 0603)
C13 to C16 = 0.01 μF (size 0402)
R3 to R6 = 0 Ω (size 0603)
T1, T2, C5,C18,C20,C21,
R12 to R21, R44 to R48,
R50, R54, R58, R62, R63
Input Interface. The default configuration of the Eval board is for
single ended operation. T1 and T2 are 4:1 impedance ratio baluns to
transform a 50 Ω single-ended input into a 200 Ω-balanced
differential signal. R12 to R14 and R15, R16, and R19 are populated
for appropriate balun interface. R44 to R48 and R50, R54, R58, R62,
andR63 are provided for generic placement of matching
components. C5 to C20 are balun decoupling capacitors.
R17, R18, R20, R21 can be populated with 0 Ω and the balun
interfacing resistors can be removed to bypass T1 and T2 for
differential interfacing.
T1, T2 = ADT4-6T+ (Mini-Circuits)
C5,C20 = 0.1 μF (size 0402)
C18,C21 = Do not install
R12 to R16, R19, R44 to R47= 0 Ω (size
0402)
R17, R18, R20, R21,R48, R50, R54, R58,
R62, andR63 = open (size 0402)
T3, T4, C24 to C27,
R29 to R31,R33 to
R39,R65,R67 to R74, R80
Output Interface. The default configuration of the Eval board is for
single ended operation. T3 and T4 are 4:1 impedance ratio baluns to
transform a 50 Ω single-ended output into a 200 Ω-balanced
differential load. R29 to R31, R33, R38, R39 are populated for
appropriate balun interface. R65, R67 to R74, and R80 are provided
for generic placement of matching components. C24, C25 are balun
decoupling capacitors.
R34 to R37 can be populated with 0 Ω and the balun interfacing
resistors can be removed to bypass T3 and T4 for differential
interfacing.
T3, T4 = ADT4-6T+ (Mini-Circuits)
C24,C25 = 0.1 μF (size 0402)
C26,C27 = Do not install
R29 to R31, R33, R38, R39, R65, R67,
R68, R80 = 0 Ω (size 0402)
R34 to R37, R69 to R74= open (size
0402)
S1, S5, S7, R53, R57, R79,
C29, C30, C31
Enable Interface.
-Device Enable. The AD8366 is enabled by applying a logic high
voltage to the ENBL pin. The device is enabled when the switch S1 is
set in the down position (HIGH), connecting the ENBL pin to VPOS.
-Data Enable. DENA and DENB are used to enable the data path for
Channel A and Channel B respectively. Channel A is enabled when
the switch S5 is set in the down position (HIGH), connecting the
DENA pin to VPOS. Likewise, Channel B is enabled when the switch
S7 is set in the down position (HIGH), connecting the DENB pin to
VPOS. Both channels are disabled by setting the switches to the up
position, connecting the DENA and DENB pins to GND.
S1,S5,S7 = installed
R53, R57= 5.1kΩ (size 0603)
R79 = 10kΩ (size 0402)
C30=0.01uF (size 0402)
C29, C31=1500pF (size 0402)
S2,S3,S4,S6,S8,S9, S10
R26, R32, R40-R43,
R61,R64
C23, C33
U1
Serial/Parallel Interface Control. SENB is used to set the data
control either in parallel or serial mode. Parallel Interface is enabled
when the switch S4 is up position (LOW). Serial interface enabled
when S4 is in the down position (HIGH).
For SENB pulled LOW,
BIT0 (switch S9) sets 0.25dB Gain
BIT1 (switch S2) sets 0.5dB Gain
BIT2 (switch S3) sets 1dB Gain
BIT3 (switch S6)sets 2dB Gain
BIT4 (switch S8)sets 4dB Gain
BIT5 (switch S10) sets 8dB Gain
For SENB pulled HIGH, BIT0 becomes a chip-select (CS), BIT1
becomes serial data input, SDAT, and BIT2 becomes serial clock,
SCLK. BIT3-BIT5 are not used in the serial mode.
S2,S3,S4, S6, S8, S9, 10 = installed
R26=698 kΩ (size 0603)
R32, R40-R43, R61,R64 = 5.1kΩ (size
0603)
C23, C33 = 1500pF (size 0603)
U1= SN74LVC2G14, Clock Chip
S11, S12, C9, C10
DC Offset Correction Loop Compensation. The DC offset
correction loop is enabled (HIGH) with switch S11 and S12 for
channel A and channel B respectively. When enabled, the capacitor
is connected to circuit common. When disabled (LOW), the
OFSA/OFSB pins are tied to common.
S11, S12 = installed
C9, C10=8200pF (size 0402)


Número de pieza similar - AD8366-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
More results

Descripción similar - AD8366-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
   Gain Trim Amplifier (GTA)
logo
Analog Devices
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
   10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
logo
Analog Devices
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
   20 MHz to 500 MHz Dual IF Amplifier
logo
Teledyne Technologies I...
AGS555 TELEDYNE-AGS555 Datasheet
101Kb / 1P
   10 TO 500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
   20 MHz to 500 MHz IF Gain Blocks
Rev. PrD 5/07
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
   20 MHz to 500 MHz IF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com