Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF9010BCPZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADF9010BCPZ-RL7
Descripción Electrónicos  900 MHz ISM Band Analog RF Front End
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF9010BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADF9010
Rev. 0 | Page 9 of 28
Pin No.
Mnemonic
Description
17
VTUNE
Control Input to the VCO. This input determines the VCO frequency and is derived from filtering the
CP output.
19, 20
LOEXTP, LOEXTN
Single-Ended External VCO Input of 50 Ω. This is used if the ADF9010 utilizes an optional external VCO.
These pins are internally dc-biased and must be ac-coupled. AC-couple LOEXTN to ground with 100 pF
and ac-couple the VCO signal with 100 pF through LOEXTP.
22, 23
TxOUTP, TxOUTN
Buffered Tx Output. These pins contain the Tx output signal, which can be combined in a balun for
best results.
25, 26
TxBBQN, TxBBQP
Baseband Quadrature Phase Input/Complementary Input to the Transmit Modulator.
27, 28
TxBBIP, TxBBIN
Baseband In-Phase Input/Complementary to the Transmit Modulator.
30
RSET
Connecting a resistor between this pin and AGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
ICPMAX = 25.5/RSET
where:
RSET is 5.1 kΩ.
ICPMAX is 5 mA.
31
CEXT4
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled
to AGND with a value of 10 nF.
32
CEXT3
A capacitor connected to this pin is used to roll off noise from the VCO. It should be decoupled
to AGND with a value of 10 nF.
33, 34
RxBBQN, RxBBQP
Output/Complementary Filtered Quadrature Signals from the Receive Filter Stage. The filtered
output is passed to the baseband MxFE chip.
35, 36
RxBBIP, RxBBIN
Output/Complementary Filtered In-Phase from the Receive Filter Stage. The filtered output is
passed to the baseband MxFE chip.
38
CE
Chip Enable. A Logic 0 on this pin powers down the device. A Logic 1 on this pin enables the device
depending on the status of the power-down bits.
39
SCLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the SCLK rising edge. This is a high impedance CMOS input.
40
SDATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This is
a high impedance CMOS input.
41
SLE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift register is loaded into
one of the four latches; the latch uses the control bits.
42
MUXOUT
This multiplexer output allows either the PLL lock detect, the scaled VCO frequency, or the scaled
PLL reference frequency to be accessed externally.
43
OVF
A rising edge on this pin drops the gain of the Rx path by 6 dB. This is used to rapidly drop the gain
if the ADC detects an overload.
45
NC
No Connect.
47, 48
RxINQP, RxINQN
Input/Complementary Quadrature Input to the Receive Filter Stage.


Número de pieza similar - ADF9010BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF9010BCPZ-RL7 AD-ADF9010BCPZ-RL7 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
More results

Descripción similar - ADF9010BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com