Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34676 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza MC34676
Descripción Electrónicos  Dual 28 V Input Voltage Charger with Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34676 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34676 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34676
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 4. AC Charger Complete Charge Cycle
VAC=5.0 V, RISET=5.22 kΩ, 740mAh Battery, TA=25oC
Figure 5. AC Pin Supply Current vs VAC
IBAT=0 mA, TA=25oC
Figure 6. VISET vs VAC
VBAT=3.7 V, RISET=5.22 kΩ, TA=25oC
Figure 7. VISET vs AC Charger Charge Current
VAC=5.0 V, TA=25oC
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VAC = VUSB = 5.0 V, -40°C ≤ TA ≤ 85°C, C1 = C2 = C4 = 1.0 μF and C3 = 0.1 μF (See
Figure 1), unless otherwise noted. Typical values noted reflect the approximate parameter means at VAC = VUSB = 5.0 V and TA
= 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
END-OF-CHARGE
EOC Filtering Time
tEOC
500
-
1000
ms
OSCILLTOR
Oscillation Frequency
fOSC
42
50.0
54.5
kHz
0
25
50
75 100 125 150 175
0
150
300
450
600
750
0
1
2
3
4
5
Charge Time ( min)
Battery Voltage
Charger Current
34
567
0
500
1000
1500
2000
2500
3000
Charger Disabled
Input Voltage (V)
Charger Enabled
4.04.5
5.05.5
6.06.5
7.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Input Voltage (V)
0
150
300
450
600
750
0.0
0.2
0.4
0.6
0.8
1.0
R
ISET=5.22kΩ
Charger Current (mA)
R
ISET=26.7kΩ


Número de pieza similar - MC34676

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34670 FREESCALE-MC34670 Datasheet
720Kb / 24P
   IEEE 802.3af PD With Current Mode Switching Regulator
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results

Descripción similar - MC34676

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Zilog, Inc.
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
   28 V Input High Speed Voltage Regulator
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM4055A HMSEMI-HM4055A Datasheet
1Mb / 16P
   9V Input Voltage Battery Linear Charger
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
   28V, 1A Dual Input Linear Battery Charger With Timer
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5030 HMSEMI-HM5030 Datasheet
361Kb / 10P
   High input Voltage Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com