Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV3201 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADV3201
Descripción Electrónicos  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV3201 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV3201 Datasheet HTML 2Page - Analog Devices ADV3201 Datasheet HTML 3Page - Analog Devices ADV3201 Datasheet HTML 4Page - Analog Devices ADV3201 Datasheet HTML 5Page - Analog Devices ADV3201 Datasheet HTML 6Page - Analog Devices ADV3201 Datasheet HTML 7Page - Analog Devices ADV3201 Datasheet HTML 8Page - Analog Devices ADV3201 Datasheet HTML 9Page - Analog Devices ADV3201 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 6 of
36
CLK
DATA IN
0 1 2 3 4 5 6 7 8 9 10 11 12 13
19
25
31
36
UPDATE
187
192
INCREASING TIME
T = 0
Figure 3. Programming Example
Table 4. Logic Levels, DVCC = 3.3 V
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
DATA OUT
DATA OUT
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
DATA OUT
DATA OUT
2.5 V min
0.8 V max
2.7 V min
0.5 V max
0.5 μA typ
−0.5 μA typ
3 mA typ
−3 mA typ


Número de pieza similar - ADV3201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202ASWZ AD-ADV3202ASWZ Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203 AD-ADV3203 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203ASWZ AD-ADV3203ASWZ Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
   60 MHz, G = 2, 16 횞 16
REV. 0
More results

Descripción similar - ADV3201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com